Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR860CT Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # MUR860CT
Description  Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 8.0 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MUR860CT Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  MUR860CT Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MUR860CT Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
600
200
400
200
400
600
140
280
420
2.0
100
8.0
V
μA
IR
最大正向电压
最大反向电流
TA= 25℃
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
TA=125℃
Maximum forward voltage
Maximum reverse current
VF
-55---+150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Operating junction and storage temperature range
Tj, TSTG
RθJC
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·低功耗高效率。
Low Power Loss,High Efficiency
MUR810CT ...... MUR860CT
反向电压
100---600V
正向电流
8.0A
Reverse Voltage 100 to 600 V
Forward Current 8.0 A
MUR810CT
MUR840CT
MUR860CT
IF =4A
·正向压降低。
Low Forward Voltage Drop
·大电流承受能力。
High Current Capability
最大反向恢复时间
nS
trr
IF=0.5A IR=1.0A IREC=0.25A
MAX. Reverse Recovery Time
1.00
1.30
1.50
5.0
35
50
塑封超快速整流二极管
Plastic Ultra-Fast Recover Rectifier
MUR820CT
100
100
70
MUR810CT
MUR840CT
MUR860CT
MUR820CT
大昌电子
DACHANG ELECTRONICS
·安装扭距: 推荐值 0.3牛*米 Mounting torque:Recommend 0.3 N*m
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
3.0
250
SIYU R
Unit:inch(mm)
TO-220AB
12
3


Similar Part No. - MUR860CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MUR860CT GOOD-ARK-MUR860CT Datasheet
172Kb / 2P
   Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
MUR860CT SSC-MUR860CT Datasheet
308Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Rugao Dachang Electroni...
MUR860CT DACHANG-MUR860CT Datasheet
136Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
Inchange Semiconductor ...
MUR860CT ISC-MUR860CT Datasheet
272Kb / 2P
   Ultrafast Rectifier
logo
First Silicon Co., Ltd
MUR860CT FS-MUR860CT Datasheet
239Kb / 3P
   Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600 Volts , Forward Current 8.0 Ampers
More results

Similar Description - MUR860CT

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MUR810 DACHANG-MUR810 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 8.0 A
SFAF502G DACHANG-SFAF502G Datasheet
147Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 5.0 A
MUR1010CT DACHANG-MUR1010CT Datasheet
136Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 10 A
MUR2010 DACHANG-MUR2010 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 20 A
MUR2010CT DACHANG-MUR2010CT Datasheet
138Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 20 A
MUR1610CT DACHANG-MUR1610CT Datasheet
136Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 16 A
MUR1010 DACHANG-MUR1010 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 10 A
MUR1610 DACHANG-MUR1610 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 16 A
DUFF10A60CT DACHANG-DUFF10A60CT Datasheet
139Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 600 V Forward Current 10 A
DUFF05A60 DACHANG-DUFF05A60 Datasheet
148Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 600 V Forward Current 5 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com