Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1339-2DCGI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 1339-2DCGI8
Description  REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1339-2DCGI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 1339-2DCGI8 Datasheet HTML 5Page - Integrated Device Technology 1339-2DCGI8 Datasheet HTML 6Page - Integrated Device Technology 1339-2DCGI8 Datasheet HTML 7Page - Integrated Device Technology 1339-2DCGI8 Datasheet HTML 8Page - Integrated Device Technology 1339-2DCGI8 Datasheet HTML 9Page - Integrated Device Technology 1339-2DCGI8 Datasheet HTML 10Page - Integrated Device Technology 1339-2DCGI8 Datasheet HTML 11Page - Integrated Device Technology 1339-2DCGI8 Datasheet HTML 12Page - Integrated Device Technology 1339-2DCGI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
IDT1339
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RTC
IDT®
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
9
IDT1339
REV K 032910
Table 5. SQW/INT Output
Bit 2: Interrupt Control (INTCN).
This bit controls the relationship between the two alarms and the interrupt output
pins. When the INTCN bit is set to logic 1, a match between the timekeeping registers and the alarm 1 or alarm 2
registers activate the SQW/INT pin (provided that the alarm is enabled). When the INTCN bit is set to logic 0, a
square wave is output on the SQW/INT pin. This bit is set to logic 0 when power is first applied.
Bit 1: Alarm 2 Interrupt Enable (A2IE).
When set to a logic 1, this bit permits the Alarm 2 Flag (A2F) bit in the
status register to assert SQW/INT (when INTCN = 1). When the A2IE bit is set to logic 0 or INTCN is set to logic 0,
the A2F bit does not initiate an interrupt signal. The A2IE bit is disabled (logic 0) when power is first applied.
Bit 0: Alarm 1 Interrupt Enable (A1IE).
When set to logic 1, this bit permits the Alarm 1 Flag (A1F) bit in the status
register to assert SQW/INT (when INTCN = 1). When the A1IE bit is set to logic 0 or INTCN is set to logic 0, the A1F
bit does not initiate an interrupt signal. The A1IE bit is disabled (logic 0) when power is first applied.
Status Register (0Fh)
Bit 7: Oscillator Stop Flag (OSF).
A logic 1 in this bit indicates that the oscillator either is stopped or was stopped
for some period of time and may be used to judge the validity of the clock and date data. This bit is edge triggered
and is set to logic 1 when the oscillator stops. The following are examples of conditions that can cause the OSF bit
to be set:
1) The first time power is applied.
2) The voltage on both VCC and VBACKUP are insufficient to support oscillation.
3) The EOSC bit is turned off.
4) External influences on the crystal (e.g., noise, leakage, etc.).
This bit remains at logic 1 until written to logic 0. This bit can only be written to a logic 0.
Bit 1: Alarm 2 Flag (A2F).
A logic 1 in the Alarm 2 Flag bit indicates that the time matched the alarm 2 registers. If
the A2IE bit is a logic 1 and the INTCN bit is set to a logic 1, the SQW/INT pin is also asserted. A2F is cleared when
written to logic 0. This bit can only be written to logic 0. Attempting to write to logic 1 leaves the value unchanged.
Bit 0: Alarm 1 Flag (A1F).
A logic 1 in the Alarm 1 Flag bit indicates that the time matched the alarm 1 registers. If
the A1IE bit is a logic 1 and the INTCN bit is set to a logic 1, the SQW/INT pin is also asserted. A1F is cleared when
written to logic 0. This bit can only be written to logic 0. Attempting to write to logic 1 leaves the value unchanged.
INTCN
RS2
RS1
SQW/INT Output
A2IE
A1IE
0
0
0
1 Hz
X
X
0
0
1
4.096 kHz
X
X
0
1
0
8.192 kHz
X
X
0
1
1
32.768 kHz
X
X
1
X
X
A1F
0
1
1
X
X
A2F
1
0
1
X
X
A2F + A1F
1
1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OSF
0
0
0
0
0
A2F
A1F


Similar Part No. - 1339-2DCGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1339-2DCGI8 RENESAS-1339-2DCGI8 Datasheet
488Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
More results

Similar Description - 1339-2DCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Renesas Technology Corp
IDT1337AG RENESAS-IDT1337AG Datasheet
401Kb / 27P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
REV D 071417
IDT1339 RENESAS-IDT1339 Datasheet
488Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com