Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1339-2DCGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 1339-2DCGI
Description  REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1339-2DCGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 1339-2DCGI Datasheet HTML 2Page - Integrated Device Technology 1339-2DCGI Datasheet HTML 3Page - Integrated Device Technology 1339-2DCGI Datasheet HTML 4Page - Integrated Device Technology 1339-2DCGI Datasheet HTML 5Page - Integrated Device Technology 1339-2DCGI Datasheet HTML 6Page - Integrated Device Technology 1339-2DCGI Datasheet HTML 7Page - Integrated Device Technology 1339-2DCGI Datasheet HTML 8Page - Integrated Device Technology 1339-2DCGI Datasheet HTML 9Page - Integrated Device Technology 1339-2DCGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
IDT1339
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RTC
IDT®
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
6
IDT1339
REV K 032910
Address Map
Table 3 (Timekeeper Registers) shows the address map for the IDT1339 registers. During a multibyte access, when the
address pointer reaches the end of the register space (10h), it wraps around to location 00h. On an I2C START, STOP, or
address pointer incrementing to location 00h, the current time is transferred to a second set of registers. The time
information is read from these secondary registers, while the clock may continue to run. This eliminates the need to re-read
the registers in case of an update of the main registers during a read.
Table 3. Timekeeper Registers
Note
: Unless otherwise specified, the state of the registers are not defined when power is first applied or when VCC and VBACKUP falls
below the VBACKUP(min).
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Function
Range
00h
0
10 seconds
Seconds
Seconds
00 - 59
01h
0
10 minutes
Minutes
Minutes
00 - 59
02h
0
12/24
AM/PM
10 hour
Hour
Hours
1 - 12
+ AM/PM
00 - 23
10 hour
03h
0
0
0
0
0
Day
Day
1 - 7
04h
0
0
10 date
Date
Date
01 - 31
05h
Century
0
0
10 month
Month
Month/Century
01 - 12 +
Century
06h
10 year
Year
Year
00 - 99
07h
A1M1
10 seconds
Seconds
Alarm 1
Seconds
00 - 59
08h
A1M2
10 minutes
Minutes
Alarm 1
Minutes
00 - 59
09h
A1M3
12/24
AM/PM
10 hour
Hour
Alarm 1 Hours
1 - 12
+ AM/PM
00 - 23
10 hour
0Ah
A1M4
DY/DT
10 date
Day, Date
Alarm 1 Day,
Alarm 1 Date
1 - 7, 1 - 31
0Bh
A2M2
10 minutes
Minutes
Alarm 2
Minutes
00 - 59
0Ch
A2M3
12/24
AM/PM
10 hour
Hour
Alarm 2 Hours
1 - 12
+ AM/PM
00 - 23
10 hour
0Dh
A2M4
DY/DT
10 date
Day, Date
Alarm 2 Day,
Alarm 2 Date
1 - 7, 1 - 31
0Eh
EOSC
0
BBSQI
RS2
RS1
INTCN
A2IE
A1IE
Control
0Fh
OSF
0
0
0
0
0
A2F
A1F
Status
10h
TCS3
TCS2
TCS1
TCS0
DS1
DS0
ROUT1
ROUT0
Trickle Charger


Similar Part No. - 1339-2DCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1339-2DCGI RENESAS-1339-2DCGI Datasheet
488Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
1339-2DCGI8 RENESAS-1339-2DCGI8 Datasheet
488Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
More results

Similar Description - 1339-2DCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Renesas Technology Corp
IDT1337AG RENESAS-IDT1337AG Datasheet
401Kb / 27P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
REV D 071417
IDT1339 RENESAS-IDT1339 Datasheet
488Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com