Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V73273BBBLANK Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72V73273BBBLANK
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V73273BBBLANK Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72V73273BBBLANK Datasheet HTML 3Page - Integrated Device Technology 72V73273BBBLANK Datasheet HTML 4Page - Integrated Device Technology 72V73273BBBLANK Datasheet HTML 5Page - Integrated Device Technology 72V73273BBBLANK Datasheet HTML 6Page - Integrated Device Technology 72V73273BBBLANK Datasheet HTML 7Page - Integrated Device Technology 72V73273BBBLANK Datasheet HTML 8Page - Integrated Device Technology 72V73273BBBLANK Datasheet HTML 9Page - Integrated Device Technology 72V73273BBBLANK Datasheet HTML 10Page - Integrated Device Technology 72V73273BBBLANK Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
INDUSTRIAL TEMPERATURERANGE
IDT72V73273 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH WITH RATE MATCHING 32,768 x 32,768 CHANNELS
TABLE 1 —ADDRESS MAPPING
1
STA5 STA4 STA3 STA2 STA1 STA0 CH8
CH7 CH6
CH5 CH4
CH3 CH2
CH1 CH0
R/W
Internal
0x8000-
memory
0xFFFF
(CM, DM
(readonly)(1)
0
0
0
0
0
0
0
X
XX
XX
XX
XX
R/W
Control
0x00XX
Register
0
0
0
0
0
0
1
X
XX
XX
XX
XX
R/W
TDRSR0
0x02XX
0
0
0
0
0
1
0
X
XX
XX
XX
XX
R/W
TDRSR1
0x04XX
0
0
0
0
0
1
1
X
XX
XX
XX
XX
R/W
RDRSR0
0x06XX
0
0
0
0
1
0
0
X
XX
XX
XX
XX
R/W
RDRSR1
0x08XX
0
0
0
0
1
0
1
X
XX
XX
XX
XX
R/W
BPSA
0x0AXX
0
0
0
0
1
1
0
X
XX
XX
XX
XX
R/W
BPEA
0x0CXX
0
0
0
0
1
1
1
X
X
X
X
X
X
X
X
X
R/W
BIS
0x0EXX
0
0
0
1
0
0
0
X
X
X
X
X
X
X
X
X
R/W
BER
0x10XX
0
0
1
0
0
0
0
X
XX
XX
XX
XX
R/W
FOR0
0x20XX
0
0
1
0
0
0
1
X
XX
XX
XX
XX
R/W
FOR1
0x22XX
0
0
1
0
0
1
0
X
XX
XX
XX
XX
R/W
FOR2
0x24XX
0
0
1
0
0
1
1
X
XX
XX
XX
XX
R/W
FOR3
0x26XX
0
0
1
0
1
0
0
X
XX
XX
XX
XX
R/W
FOR4
0x28XX
0
0
1
0
1
0
1
X
XX
XX
XX
XX
R/W
FOR5
0x2AXX
0
0
1
0
1
1
0
X
XX
XX
XX
XX
R/W
FOR6
0x2CXX
0
0
1
0
1
1
1
X
XX
XX
XX
XX
R/W
FOR7
0x2EXX
0
0
1
1
0
0
0
X
XX
XX
XX
XX
R/W
FOR8
0x30XX
0
0
1
1
0
0
1
X
XX
XX
XX
XX
R/W
FOR9
0x32XX
0
0
1
1
0
1
0
X
XX
XX
XX
XX
R/W
FOR10
0x34XX
0
0
1
1
0
1
1
X
XX
XX
XX
XX
R/W
FOR11
0x36XX
0
0
1
1
1
0
0
X
XX
XX
XX
XX
R/W
FOR12
0x38XX
0
0
1
1
1
0
1
X
XX
XX
XX
XX
R/W
FOR13
0x3AXX
0
0
1
1
1
1
0
X
XX
XX
XX
XX
R/W
FOR14
0x3CXX
0
0
1
1
1
1
1
X
XX
XX
XX
XX
R/W
FOR15
0x3EXX
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
R/W
Location
Hex Value
1-1-1
1
X
X
PerChannelHigh-Impedance
Any,otherthan1-1-1
1
0
0
AllTXinHigh-Impedance
Any,otherthan1-1-1
1
0
1
Enable
Any,otherthan1-1-1
1
1
0
Enable
Any,otherthan1-1-1
1
1
1
Enable
Any,otherthan1-1-1
0
X
X
Group x of OEx is in High-Impedance
MOD2-0 BITS IN
OE X BIT OF TDRSR
ODE PIN
OSB BIT IN
OUTPUT DRIVER STATUS
CONNECTION
CONTROL REGISTER
CONTROL REGISTER
MEMORY HIGH
TABLE 2  OUTPUT HIGH-IMPEDANCE CONTROL
NOTE:
1) Select Connection Memory High, Connection Memory Low, or Data Memory by setting the MS1-0 bits in the Control Register.
NOTE:
X = Don't Care.


Similar Part No. - 72V73273BBBLANK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V73273BB RENESAS-72V73273BB Datasheet
1Mb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
February 9, 2009
More results

Similar Description - 72V73273BBBLANK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V73273 RENESAS-IDT72V73273 Datasheet
1Mb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
February 9, 2009
logo
Integrated Device Techn...
IDT72V73273 IDT-IDT72V73273 Datasheet
319Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
logo
Renesas Technology Corp
IDT72V73263 RENESAS-IDT72V73263 Datasheet
588Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
September 2007
logo
Integrated Device Techn...
IDT72V73263 IDT-IDT72V73263 Datasheet
418Kb / 36P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
IDT72V71643 IDT-IDT72V71643 Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
IDT72V71623 IDT-IDT72V71623 Datasheet
203Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2,048 x 2,048
logo
Renesas Technology Corp
IDT72V71643 RENESAS-IDT72V71643 Datasheet
656Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 4,096 x 4,096
JANUARY 2002
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com