Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR320 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # MUR320
Description  Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MUR320 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  MUR320 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MUR320 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MUR305 ...... MUR360
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线
Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
1
2
4 6 10 20
40
100
120
90
60
30
0
150
10mm
10mm
3.0
2.5
2.0
1.5
1.0
0.5
0
0
25
50 75 100 125 150 175
10mm
10mm
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
0.2
1
2
10
Tj = 25 °C
MUR305 thru MUR320
MUR340
MUR360
大昌电子
DACHANG ELECTRONICS


Similar Part No. - MUR320

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MUR320 DACHANG-MUR320 Datasheet
172Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
WeEn Semiconductors
MUR320 WEEN-MUR320 Datasheet
386Kb / 10P
   Ultrafast power diode
logo
Sangdest Microelectroni...
MUR320AX SMC-MUR320AX Datasheet
333Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
MUR320D LUGUANG-MUR320D Datasheet
911Kb / 4P
   Ultra-Fast Recovery Diodes 3A FRED Pt
Revision:20220621-P1
logo
WeEn Semiconductors
MUR320J WEEN-MUR320J Datasheet
386Kb / 10P
   Ultrafast power diode
More results

Similar Description - MUR320

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SF31 DACHANG-SF31 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
logo
List of Unclassifed Man...
MUR340 ETC-MUR340 Datasheet
170Kb / 2P
   Plastic High-Efficiency Rectifiers (Reverse Voltage 400 to 600V Forward Current 3.0A)
logo
Rugao Dachang Electroni...
HER301G DACHANG-HER301G Datasheet
157Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
HER301 DACHANG-HER301 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
SF61 DACHANG-SF61 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF21 DACHANG-SF21 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF51 DACHANG-SF51 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
MUR405 DACHANG-MUR405 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
logo
Leshan Radio Company
SF31 LRC-SF31_14 Datasheet
204Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com