Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-F1219 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62702-F1219
Description  NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1219 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62702-F1219 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1219 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F1219 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F1219 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-F1219 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-F1219 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-F1219 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Dec-11-1996
BFR 106
SPICE Parameters (Gummel-Poon Model, Berkeley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
1.8998
fA
VAF =
15
V
NE =
1.3235
-
VAR =
4.1613
V
NC =
1.4602
-
RBM =
1.0893
CJE =
5.0933
fF
TF =
35.78
ps
ITF =
62.059
mA
VJC =
0.81533
V
TR =
1.2466
ns
MJS =
0-
XTI =
3-
BF =
132.75
-
IKF =
0.44125
A
BR =
11.407
-
IKR =
0.010016
A
RB =
1.2652
RE =
1.1351
VJE =
0.85909
V
XTF =
0.44444
-
PTF =
0
deg
MJC =
0.46849
-
CJS =
0
fF
XTB =
0
-
FC =
0.92887
-
NF =
0.89608
-
ISE =
71.424
fA
NR =
0.91008
-
ISC =
2.0992
fA
IRB =
0.028135
mA
RC =
0.27485
MJE =
0.69062
-
VTF =
0.10681
V
CJC =
2327.8
fF
XCJC =
0.14496
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
All parameters are ready to use, no scalling is necessary.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitenfunktechnik (IMST)
© 1996 SIEMENS AG
Package Equivalent Circuit:
LBI =
0.85
nH
LBO =
0.51
nH
LEI =
0.69
nH
LEO =
0.61
nH
LCI =
0nH
LCO =
0.43
nH
CBE =
73
fF
CCB =
84
fF
CCE =
165
fF
Valid up to 6 GHz
For examples and ready to use parameters please contact your local Siemens distributor or sales office to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm


Similar Part No. - Q62702-F1219

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F1215 SIEMENS-Q62702-F1215 Datasheet
138Kb / 7P
   GaAs FET (N-channel dual-gate GaAs MES FET)
Q62702-F1218 SIEMENS-Q62702-F1218 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
More results

Similar Description - Q62702-F1219

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP193 SIEMENS-BFP193 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFQ193 SIEMENS-BFQ193 Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP193W SIEMENS-BFP193W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
BFG19S SIEMENS-BFG19S Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
BFR35A SIEMENS-BFR35A Datasheet
91Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS AND HIGH-SPEED SWITCHING APPLICATIONS
BFQ19S SIEMENS-BFQ19S Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com