Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V73263 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72V73263
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V73263 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72V73263 Datasheet HTML 1Page - Integrated Device Technology IDT72V73263 Datasheet HTML 2Page - Integrated Device Technology IDT72V73263 Datasheet HTML 3Page - Integrated Device Technology IDT72V73263 Datasheet HTML 4Page - Integrated Device Technology IDT72V73263 Datasheet HTML 5Page - Integrated Device Technology IDT72V73263 Datasheet HTML 6Page - Integrated Device Technology IDT72V73263 Datasheet HTML 7Page - Integrated Device Technology IDT72V73263 Datasheet HTML 8Page - Integrated Device Technology IDT72V73263 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
INDUSTRIAL TEMPERATURERANGE
IDT72V73263 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH WITH RATE MATCHING 16,384 x 16,384 CHANNELS
SYMBOL
NAME
I/O
PBGA
DESCRIPTION
PIN NO.
PIN DESCRIPTION (CONTINUED)
TX0-7
TXOutput
O
*See PBGA
Serial data Output Stream. These streams may have data rates of 2.048Mb/s,
TX16-23
TableBelow
4.096Mb/s,8.192Mb/s,16.384Mb/s,or32.768Mb/sdependingupontheselectionin
TX32-39
TransmitDataRateSelectionRegister(TDRSR).IfG0/G2/G4/G6areprogrammedto
TX48-55
32.768Mb/smodethecorrespondingoddgroupisunavailable(G1/G3/G5G7).
TX8-15/OEI0-7
TXOutput/Output
O
*See PBGA
WhenoutputstreamsareselectedviaTDRSR,thesepinsaretheTXoutputstreams.
TX24-31/OEI16-23 EnableIndication
TableBelow
Whenoutputenableindicationfunctionisselected,thesepinsreflecttheactiveorHigh-
TX40-47/OEI32-39
ImpedancestatusforthecorrespondingTXoutputstream.
TX56-63/OEI48-55
VCC
*See PBGA
+3.3 Volt Power Supply.
TableBelow
A0-A15
AddressA0-15
I
E3, E4, F1, F2, F3, F4, G1, G2, G3, H1, H2, H3, J3, J2, J1, K3.
D0-D15
DataBus0-15
I/O
T2, T1, R1, P1, P2, N1, N2, N3, M1, M2, M3, M4, L1, L2, L3, K1.
GND
Ground
G7, G8, G9, G10, H7, H8, H9, H10, J7, J8, J9, J10,K7, K8, K9, K10,
RX0-63
RX Input 0 to 63
I
B3, A4, B4, C4, A5, B5, C5, D5, D11, C11, B11, A11, D12, C12, B12, A12, E13, D13, C13, B13, A13, D14, C14 , B14,
G16, G15, G14, H16, H15, H14, J14, J15, J16, K14, K15, K16, L13, L14, L15, L16, R14, T13, R13, P13, T12, R12, P12,
N12, T11, R11, P11, N11, T10, R10, P10, T9, N4, P4, R4, T4, P3, R3, T3, R2.
TX0-TX7
TXOutput
O
A6, B6, C6, D6, A7, B7, C7, A8
TX16-23
A14, B15, A15, A16, B16, C16, C15, D16
TX32-39
M13, M14, M15, M16, N13, N14, N15, N16
TX48-55
R9, P9, P8, R8. T8, P7, R7, T7
TX8-15/OEI0-7
TXOutput/Output
O
B8, C8, C9, B9, A9, C10, B10, A10.
TX24-31/OEI16-23
D15, E16, E15, E14, F16, F15, F14, F13.
TX40-47/OEI32-39
P14, P15, P16, R16, T16, T15, R15, T14.
TX56-63/OEI48-55
N6, P6, R6, T6, N5, P5, R5, T5.
Vcc
B2, D7, D8, D9, D10, G4, G13, H4, H13, J4, J13, K4, K13, N7, N8, N9, N10.
SYMBOL
NAME
I/O
PIN NUMBER
PBGA PIN NUMBER TABLE


Similar Part No. - IDT72V73263

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V73263 RENESAS-IDT72V73263 Datasheet
588Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
September 2007
IDT72V73263BB RENESAS-IDT72V73263BB Datasheet
588Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
September 2007
More results

Similar Description - IDT72V73263

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V73263 RENESAS-IDT72V73263 Datasheet
588Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
September 2007
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V71660 IDT-IDT72V71660 Datasheet
233Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
IDT72V7326 IDT-IDT72V7326 Datasheet
192Kb / 26P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
logo
Renesas Technology Corp
IDT72V71660 RENESAS-IDT72V71660 Datasheet
355Kb / 32P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
IDT72V73273 RENESAS-IDT72V73273 Datasheet
1Mb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
February 9, 2009
logo
Integrated Device Techn...
IDT72V73273 IDT-IDT72V73273_07 Datasheet
1Mb / 36P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
IDT72V73273 IDT-IDT72V73273 Datasheet
319Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
IDT72V71643 IDT-IDT72V71643 Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
IDT72V71623 IDT-IDT72V71623 Datasheet
203Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2,048 x 2,048
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com