Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23S08E-4DCG8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 23S08E-4DCG8
Description  3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

23S08E-4DCG8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 23S08E-4DCG8 Datasheet HTML 3Page - Integrated Device Technology 23S08E-4DCG8 Datasheet HTML 4Page - Integrated Device Technology 23S08E-4DCG8 Datasheet HTML 5Page - Integrated Device Technology 23S08E-4DCG8 Datasheet HTML 6Page - Integrated Device Technology 23S08E-4DCG8 Datasheet HTML 7Page - Integrated Device Technology 23S08E-4DCG8 Datasheet HTML 8Page - Integrated Device Technology 23S08E-4DCG8 Datasheet HTML 9Page - Integrated Device Technology 23S08E-4DCG8 Datasheet HTML 10Page - Integrated Device Technology 23S08E-4DCG8 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S08E
3.3V ZERO DELAY CLOCK MULTIPLIER
ORDERING INFORMATION
Part / Order Number Shipping Packaging
Package
Temperature
23S08E-1DCG
Tubes
16-pin SOIC
0° to +70° C
23S08E-1DCG8
Tape and Reel
16-pin SOIC
0° to +70° C
23S08E-1DCGI
Tubes
16-pin SOIC
-40° to +85°C
23S08E-1DCGI8
Tape and Reel
16-pin SOIC
-40° to +85°C
23S08E-1HDCG
Tubes
16-pin SOIC
0° to +70° C
23S08E-1HDCG8
Tape and Reel
16-pin SOIC
0° to +70° C
23S08E-1HDCGI
Tubes
16-pin SOIC
-40° to +85°C
23S08E-1HDCGI8
Tape and Reel
16-pin SOIC
-40° to +85°C
23S08E-1HPGG
Tubes
16-pin TSSOP
0° to +70° C
23S08E-1HPGG8
Tape and Reel
16-pin TSSOP
0° to +70° C
23S08E-1HPGGI
Tubes
16-pin TSSOP
-40° to +85°C
23S08E-1HPGGI8
Tape and Reel
16-pin TSSOP
-40° to +85°C
23S08E-2DCG
Tubes
16-pin SOIC
0° to +70° C
23S08E-2DCG8
Tape and Reel
16-pin SOIC
0° to +70° C
23S08E-2DCGI
Tubes
16-pin SOIC
-40° to +85°C
23S08E-2DCGI8
Tape and Reel
16-pin SOIC
-40° to +85°C
23S08E-2HDCG
Tubes
16-pin SOIC
0° to +70° C
23S08E-2HDCG8
Tape and Reel
16-pin SOIC
0° to +70° C
23S08E-2HDCGI
Tubes
16-pin SOIC
-40° to +85°C
23S08E-2HDCGI8
Tape and Reel
16-pin SOIC
-40° to +85°C
23S08E-3DCG
Tubes
16-pin SOIC
0° to +70° C
23S08E-3DCG8
Tape and Reel
16-pin SOIC
0° to +70° C
23S08E-3DCGI
Tubes
16-pin SOIC
-40° to +85°C
23S08E-3DCGI8
Tape and Reel
16-pin SOIC
-40° to +85°C
23S08E-4DCG
Tubes
16-pin SOIC
0° to +70° C
23S08E-4DCG8
Tape and Reel
16-pin SOIC
0° to +70° C
23S08E-4DCGI
Tubes
16-pin SOIC
-40° to +85°C
23S08E-4DCGI8
Tape and Reel
16-pin SOIC
-40° to +85°C
23S08E-5HDCG
Tubes
16-pin SOIC
0° to +70° C
23S08E-5HDCG8
Tape and Reel
16-pin SOIC
0° to +70° C
23S08E-5HDCGI
Tubes
16-pin SOIC
-40° to +85°C
23S08E-5HDCGI8
Tape and Reel
16-pin SOIC
-40° to +85°C
23S08E-5HPGG
Tubes
16-pin TSSOP
0° to +70° C
23S08E-5HPGG8
Tape and Reel
16-pin TSSOP
0° to +70° C
23S08E-5HPGGI
Tubes
16-pin TSSOP
-40° to +85°C
23S08E-5HPGGI8
Tape and Reel
16-pin TSSOP
-40° to +85°C


Similar Part No. - 23S08E-4DCG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
23S08E-4DCG8 RENESAS-23S08E-4DCG8 Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
More results

Similar Description - 23S08E-4DCG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08 RENESAS-IDT23S08 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08 Datasheet
60Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
logo
Integrated Device Techn...
IDT23S08T IDT-IDT23S08T Datasheet
51Kb / 6P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com