Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

49FCT805PYGPYGBLANK Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 49FCT805PYGPYGBLANK
Description  FAST CMOS BUFFER/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

49FCT805PYGPYGBLANK Datasheet(HTML) 5 Page - Integrated Device Technology

  49FCT805PYGPYGBLANK Datasheet HTML 1Page - Integrated Device Technology 49FCT805PYGPYGBLANK Datasheet HTML 2Page - Integrated Device Technology 49FCT805PYGPYGBLANK Datasheet HTML 3Page - Integrated Device Technology 49FCT805PYGPYGBLANK Datasheet HTML 4Page - Integrated Device Technology 49FCT805PYGPYGBLANK Datasheet HTML 5Page - Integrated Device Technology 49FCT805PYGPYGBLANK Datasheet HTML 6Page - Integrated Device Technology 49FCT805PYGPYGBLANK Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IDT49FCT805/A
FAST CMOSBUFFER/CLOCKDRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGE
NOTES:
1. Propagation delay range indicated by Min. and Max. limit is due to VCC, operating temperature and process parameters. These propagation delay limits do not imply skew.
2. See test circuits and waveforms.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE(1)
FCT805
FCT805A
Symbol
Parameter
Conditions(2)
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
5.6
1.5
5.3
ns
tPHL
INA to OAn, INB to OBn
RL = 500
tR
OutputRiseTime
1.5
1.5
ns
tF
OutputFallTime
1.5
1.5
ns
tSK(O)
Output skew: skew between outputs of all banks of
0.7
0.7
ns
samepackage(inputstiedtogether)
tSK(P)
Pulseskew:skewbetweenoppositetransitions
1
1
ns
ofsameoutput(|tPHL-–tPLH|)
tSK(PP)
Part-to-partskew:skewbetweenoutputsofdifferent
1.5
1.5
ns
packages at same power supply voltage,
temperature,packagetypeandspeedgrade
tPZL
OutputEnableTime
1.5
8
1.5
8
ns
tPZH
OE
A
to OAn, OEB to OBn
tPLZ
OutputDisableTime
1.5
7
1.5
7
ns
tPHZ
OE
A
to OAn, OEB to OBn


Similar Part No. - 49FCT805PYGPYGBLANK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
49FCT805 IDT-49FCT805 Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
49FCT805 IDT-49FCT805 Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
49FCT805 RENESAS-49FCT805 Datasheet
229Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
49FCT805BTD RENESAS-49FCT805BTD Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
49FCT805BTDB RENESAS-49FCT805BTDB Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results

Similar Description - 49FCT805PYGPYGBLANK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805BT IDT-IDT49FCT805BT Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT805T PERICOM-PI49FCT805T Datasheet
421Kb / 8P
   Fast CMOS Buffer/Clock Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com