Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23S09T-1DCG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 23S09T-1DCG
Description  2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

23S09T-1DCG Datasheet(HTML) 1 Page - Integrated Device Technology

  23S09T-1DCG Datasheet HTML 1Page - Integrated Device Technology 23S09T-1DCG Datasheet HTML 2Page - Integrated Device Technology 23S09T-1DCG Datasheet HTML 3Page - Integrated Device Technology 23S09T-1DCG Datasheet HTML 4Page - Integrated Device Technology 23S09T-1DCG Datasheet HTML 5Page - Integrated Device Technology 23S09T-1DCG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
COMMERCIALTEMPERATURERANGE
IDT23S09T
2.5VZERODELAYCLOCKBUFFER,SPREADSPECTRUMCOMPATIBLE
MAY 2010
2003 Integrated Device Technology, Inc.
DSC 6396/8
c
COMMERCIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Phase-Lock Loop Clock Distribution
• 10MHz to 133MHz operating frequency
• Distributes one clock input to one bank of five and one bank of
four outputs
• Separate output enable for each output bank
• Output Skew < 250ps
• Low jitter <200 ps cycle-to-cycle
• No external RC network required
• Operates at 2.5V VDD
• Spread spectrum compatible
• Available in SOIC package
FUNCTIONAL BLOCK DIAGRAM
IDT23S09T
2.5V ZERO DELAY
CLOCK BUFFER, SPREAD
SPECTRUM COMPATIBLE
DESCRIPTION:
The IDT23S09T is a high-speed phase-lock loop (PLL) clock buffer,
designed to address high-speed clock distribution applications. The zero
delay is achieved by aligning the phase between the incoming clock and
the output clock, operable within the range of 10 to 133MHz.
The IDT23S09T is a 16-pin version of the IDT23S05T. The IDT23S09T
accepts one reference input, and drives two banks of four low skew clocks.
All parts have on-chip PLLs which lock to an input clock on the REF pin.
The PLL feedback is on-chip and is obtained from the CLKOUT pad. In
the absence of an input clock, the IDT23S09T enters power down, and
the outputs are tri-stated. In this mode, the device will draw less than 12µA.
PLL
S1
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Control
Logic
1
REF
S2
16
CLKOUT
8
9
2
3
14
15
6
7
10
11


Similar Part No. - 23S09T-1DCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
23S09T-1DCG RENESAS-23S09T-1DCG Datasheet
217Kb / 7P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
23S09T-1DCG8 RENESAS-23S09T-1DCG8 Datasheet
217Kb / 7P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
More results

Similar Description - 23S09T-1DCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S05T IDT-IDT23S05T Datasheet
59Kb / 6P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05T RENESAS-IDT23S05T Datasheet
250Kb / 8P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
APRIL 2012
IDT23S09T RENESAS-IDT23S09T Datasheet
217Kb / 7P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08T IDT-IDT23S08T Datasheet
51Kb / 6P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
IDT23S09 RENESAS-IDT23S09 Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
logo
Integrated Device Techn...
IDT23S05 IDT-IDT23S05_10 Datasheet
166Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com