Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB4M Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # MB4M
Description  Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MB4M Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  MB4M Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MB4M Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
0.01
0.1
1
10
0
0.8
1.6
0
255075
100 125 150 175
1.2
1.0
0.8
0.6
0.4
0.2
0
1
2
4 6
10
20
40
100
30
20
15
10
0
0.4
1.2
大昌电子
DACHANG ELECTRONICS
5
25
35
MB2M......MB10M


Similar Part No. - MB4M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
MB4M YIXIN-MB4M Datasheet
215Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
General Semiconductor
MB4M GE-MB4M Datasheet
37Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SynSemi, Inc.
MB4M SYNSEMI-MB4M Datasheet
400Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Recitifiers
logo
Nanjing International G...
MB4M DGNJDZ-MB4M Datasheet
168Kb / 2P
   MINI GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
MB4M DGNJDZ-MB4M Datasheet
355Kb / 2P
   MINI GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - MB4M

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBL401 DACHANG-GBL401 Datasheet
171Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 4.0A
GBL201 DACHANG-GBL201 Datasheet
128Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0A
KBP201G DACHANG-KBP201G Datasheet
143Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0A
KBP301G DACHANG-KBP301G Datasheet
143Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0A
D2SB20 DACHANG-D2SB20 Datasheet
128Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800 V Forward Current 1.5A
D10SB20 DACHANG-D10SB20 Datasheet
134Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 10A
logo
List of Unclassifed Man...
KBJ610 ETC1-KBJ610 Datasheet
220Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
logo
Rugao Dachang Electroni...
D15SB20 DACHANG-D15SB20 Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 15A
D20SB20 DACHANG-D20SB20 Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 20A
D25SB20 DACHANG-D25SB20 Datasheet
183Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 25A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com