Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBP201G Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # KBP201G
Description  Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

KBP201G Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  KBP201G Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd KBP201G Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
600
600
420
1.1
KBP201G......KBP207G
塑封硅整流桥堆
反向电压
50---1000V
正向电流
2.0 A
SIYU R
V
μA
IR
最大正向电压
IF =2.0A
最大反向电流
TA= 25℃
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
VF
V
V
V
VRRM
VRMS
VDC
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
符号
Symbols
单位
Unit
Single-phase Silicon Bridge Rectifier
Reverse Voltage 50 to 1000 V
Forward Current 2.0A
大昌电子
DACHANG ELECTRONICS
KBP
203G
400
400
280
KBP
202G
200
200
140
KBP
201G
50
50
35
10
500
TA = 125℃
KBP
204G
KBP
205G
KBP
206G
KBP
207G
100
100
70
800
800
560
1000
1000
700
KBP
203G
KBP
202G
KBP
201G
KBP
204G
KBP
205G
KBP
206G
KBP
207G
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·浪涌承受能力:60 A
S
urge overload rating: 60 Amperes peak
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
Unit(mm)
KBP
30
60
2.0
-55 --- +125
A
A
/W
IF(AV)
IFSM
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温
Operating junction
Tj
RθJA
TA =50℃
-55 --- +150
存储温度
Storage temperature range
TSTG


Similar Part No. - KBP201G

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBP201G SURGE-KBP201G Datasheet
111Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers?
logo
SHIKUES Electronics
KBP201G SKTECHNOLGY-KBP201G Datasheet
637Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Diotech Company.
KBP201G DIOTECH-KBP201G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBP201G TSC-KBP201G Datasheet
219Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Won-Top Electronics
KBP201G WTE-KBP201G Datasheet
37Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - KBP201G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBL201 DACHANG-GBL201 Datasheet
128Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0A
GBL401 DACHANG-GBL401 Datasheet
171Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 4.0A
KBP301G DACHANG-KBP301G Datasheet
143Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0A
logo
List of Unclassifed Man...
KBJ610 ETC1-KBJ610 Datasheet
220Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
logo
Rugao Dachang Electroni...
MB2M DACHANG-MB2M Datasheet
138Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A
logo
Kingtronics Internation...
KBPC10005-KBPC1010 KINGTRONICS-KBPC10005-KBPC1010 Datasheet
325Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 10.0 Ampere
KBPC8005-KBPC810 KINGTRONICS-KBPC8005-KBPC810 Datasheet
363Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 8.0 Ampere
KBPC6005-KBPC610 KINGTRONICS-KBPC6005-KBPC610 Datasheet
298Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 6.0 Ampere
KBPC15005-KBPC1510 KINGTRONICS-KBPC15005-KBPC1510 Datasheet
352Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 15.0 Ampere
KBPC50005W-KBPC5010W KINGTRONICS-KBPC50005W-KBPC5010W Datasheet
327Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com