Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V9885TPFGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 5V9885TPFGI8
Description  3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V9885TPFGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  5V9885TPFGI8 Datasheet HTML 1Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 2Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 3Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 4Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 5Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 6Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 7Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 8Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
3
INDUSTRIALTEMPERATURERANGE
IDT5V9885T
3.3V EEPROMPROGRAMMABLECLOCKGENERATOR
PIN CONFIGURATION
31
10
30
29
28
27
26
25
11
12
13
14
15
16
32
9
1
2
3
4
5
6
7
8
CLKIN
GND
GOUT1/LOSS_CLKIN
XTALIN/REFIN
OUT1
VDD
OUT3
XTALOUT
18
GND
24
23
22
21
20
19
I C/JTAG
GIN2/TMS
VDD
GIN1/SCLK/TCLK
GIN0/SDA/TDI
GIN5/CLK_SEL
17
VDD
2
TQFP
TOP VIEW
27
26
25
24
23
22
28
8
9
10
11
12
13
14
1
2
3
4
5
6
7
CLKIN
GND
GOUT1/LOSS_CLKIN
XTALIN/REFIN
OUT1
OUT3
XTALOUT
21
20
19
18
17
16
I C/JTAG
GIN2/TMS
VDD
GIN1/SCLK/TCLK
GIN0/SDA/TDI
GIN5/CLK_SEL
15
VDD
2
GND
VFQFPN
TOP VIEW


Similar Part No. - 5V9885TPFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V925BQGI IDT-5V925BQGI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQGI8 IDT-5V925BQGI8 Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQI IDT-5V925BQI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQI8 IDT-5V925BQI8 Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
More results

Similar Description - 5V9885TPFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885B IDT-IDT5V9885B Datasheet
333Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V9885T RENESAS-IDT5V9885T Datasheet
750Kb / 40P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
SEPT. 2011
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com