Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V19EE904NLGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 5V19EE904NLGI
Description  EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V19EE904NLGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 5V19EE904NLGI Datasheet HTML 6Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 7Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 8Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 9Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 10Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 11Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 12Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 13Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
IDT5V19EE904
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
10
IDT5V19EE904
REV G 022310
Spread Spectrum Generation (PLL3)
PLL3 support spread spectrum generation capability, which
users have the option of turning on and off. Spread
spectrum profile, frequency, and spread are fully
programmable (within limits). The technique is different from
that used in PLL0. The programmable spread spectrum
generation parameters are SS_D3[7:0], SSVCO[15:0],
SSENB, IP3[4:0] and RZ3[3:0] bits. These bits are in the
memory address range of 0x4C to 0x85 for PLL3. The
spread spectrum generation on PLL3 can be
enabled/disabled using the SSENB bit. To enable spread
spectrum, set SSENB = '1'.
For Spread Enabled:
Spread spectrum is configured using SS_D3(spread
spectrum reference divide)
and SSVCO (spread spectrum loop feedback counter).
SS is the total Spread Spectrum amount (I.e. center spread
+0.5% has a total spread of 1.0% and down spread -0.5%
has a total spread of 0.5%.)
Loop Filter
The loop filter for each PLL can be programmed to optimize
the jitter performance. The low-pass frequency response of
the PLL is the mechanism that dictates the jitter transfer
characteristics. The loop bandwidth can be extracted from
the jitter transfer. A narrow loop bandwidth is good for jitter
attenuation while a wide loop bandwidth is best for low-jitter
frequency generation. The specific loop filter components
that can be programmed are the resistor via the RZ[3:0] bits,
zero capacitor via the CZ bit (for PLL0, PLL1 and PLL2), and
the charge pump current via the IP[2:0] bits (for PLL0, PLL1
and PLL2) or IP[3:0] (for PLL3).
The following equations govern how the loop filter is set for
PLL0 - PLL2:
Resistor (Rz) = (RZ[0] + 2* RZ[1]+4* RZ[2] + 8* RZ[3])* 4.0
kOhm
Zero capacitor (Cz) = 196 pF + CZ* 217 pF
Pole capacitor (Cp) = 15 pF
Charge pump (Ip) = 6 * (IP[0] + 2*IP[1]+4*IP[2]) uA
VCO gain (KVCO) = 900 MHz/V * 2
π
The following equations govern how the loop filter is set for
PLL3:
For Non-Spread Spectrum Operation:
For Spread Spectrum Operation:
Zero capacitor (Cz) = 250 pF
Pole capacitor (Cp) = 15 pF
For Non-Spread Spectrum Operation:
For Spread Spectrum Operation:
VCO gain (KVCO) = 900 MHz/V * 2
π
=
SS_D3
(Eq. 10)
F
IN
4 * F
MOD
SSVCO =
F
VCO
F
MOD
[0.5 *
*
(Eq. 11)
( 1 + SS/400) + 5]
Resistor(Rz)=
(12.5+12.5*(RZ[1] +2*RZ[2] +4*RZ[3]))
* RZ[0] +6*(1 – RZ[0])
kOhms (Eq. 12)
Resistor(Rz)=
(62.5+12.5*(RZ[1] +2*RZ[2] +4*RZ[3]))
* RZ[0] +6*(1 – RZ[0])
kOhms (Eq. 13)
Charge
pump(Ip)
=
24* (1+(2* IP[0]) +(4* IP[1]) +(8* IP[2]))
A (Eq. 14)
3+(5* IP[3]) +(11* IP[4])
Charge
pump(Ip)
=
12* (1+(2* IP[0]) +(4* IP[1]) +(8* IP[2]))
A (Eq. 14)
27+(5* IP[3]) +(11* IP[4])


Similar Part No. - 5V19EE904NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V19EE904NLGI RENESAS-5V19EE904NLGI Datasheet
489Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
5V19EE904NLGI8 RENESAS-5V19EE904NLGI8 Datasheet
489Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
More results

Similar Description - 5V19EE904NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5V19EE603 RENESAS-IDT5V19EE603 Datasheet
487Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V19EE903 IDT-IDT5V19EE903 Datasheet
369Kb / 31P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE604 IDT-IDT5V19EE604 Datasheet
655Kb / 29P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE901 IDT-IDT5V19EE901 Datasheet
736Kb / 35P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V19EE403 RENESAS-IDT5V19EE403 Datasheet
495Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
IDT5V19EE901 RENESAS-IDT5V19EE901 Datasheet
547Kb / 36P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE404 RENESAS-IDT5V19EE404 Datasheet
478Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE902 RENESAS-IDT5V19EE902 Datasheet
536Kb / 35P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
logo
Integrated Device Techn...
IDT5V19EE902 IDT-IDT5V19EE902 Datasheet
381Kb / 34P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V19EE604 RENESAS-IDT5V19EE604 Datasheet
495Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com