Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T2110 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT5T2110
Description  2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER TERACLOCK?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T2110 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT5T2110_2 Datasheet HTML 1Page - Integrated Device Technology IDT5T2110_2 Datasheet HTML 2Page - Integrated Device Technology IDT5T2110_2 Datasheet HTML 3Page - Integrated Device Technology IDT5T2110_2 Datasheet HTML 4Page - Integrated Device Technology IDT5T2110_2 Datasheet HTML 5Page - Integrated Device Technology IDT5T2110_2 Datasheet HTML 6Page - Integrated Device Technology IDT5T2110_2 Datasheet HTML 7Page - Integrated Device Technology IDT5T2110_2 Datasheet HTML 8Page - Integrated Device Technology IDT5T2110_2 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT5T2110
2.5VZERODELAYPLLDIFFERENTIALCLOCKDRIVER TERACLOCK
Symbol
Description
Max
Unit
VDDQ, VDD Power Supply Voltage(2)
–0.5 to +3.6
V
VI
Input Voltage
–0.5 to +3.6
V
VO
Output Voltage
–0.5 to VDDQ +0.5
V
VREF
Reference Voltage(3)
–0.5 to +3.6
V
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
–65 to +165
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VDDQ and VDD internally operate independently. No power sequencing requirements
need to be met.
3. Not to exceed 3.6V.
PIN DESCRIPTION
Symbol
I/O
Type
Description
REF[1:0]
I
Adjustable(1)
Clock input. REF[1:0] is the "true" side of the differential clock input. If operating in single-ended mode, REF[1:0] is the clock input.
REF[1:0]/
I
Adjustable(1)
Complementaryclockinput. REF[1:0]/VREF[1:0] isthe"complementary"sideofREF[1:0] iftheinputisindifferentialmode. Ifoperating
VREF[1:0]
insingle-endedmode,REF[1:0]/VREF[1:0]isleftfloating. Forsingle-endedoperationindifferentialmode,REF[1:0]/VREF[1:0]shouldbeset
tothedesiredtogglevoltageforREF[1:0]:
2.5VLVTTL
VREF =1250mV(SSTL2compatible)
1.8V LVTTL, eHSTL
VREF = 900mV
HSTL
VREF = 750mV
LVEPECL
VREF = 1082mV
FB
I
Adjustable(1)
Clockinput. FBisthe"true"sideofthedifferentialfeedbackclockinput. Ifoperatinginsingle-endedmode,FBisthedifferentialfeedback
clockinput.
FB/VREF2
I
Adjustable(1)
Complementaryfeedbackclockinput. FB/VREF2isthe"complementary"sideofFBiftheinputisindifferentialmode. Ifoperatinginsingle-
endedmode,FB/VREF2isleftfloating. Forsingle-endedoperationindifferentialmode, FB/VREF2shouldbesettothedesiredtogglevoltage
for FB:
2.5VLVTTL
VREF =1250mV(SSTL2compatible)
1.8V LVTTL, eHSTL
VREF = 900mV
HSTL
VREF = 750mV
LVEPECL
VREF = 1082mV
NOTE:
1. Inputs are capable of translating the following interface standards. User can select between:
Single-ended 2.5V LVTTL levels
Single-ended 1.8V LVTTL levels
or
Differential 2.5V/1.8V LVTTL levels
Differential HSTL and eHSTL levels
Differential LVEPECL levels
Symbol
Description
Min.
Typ.
Max.
Unit
TA
AmbientOperatingTemperature
–40
+25
+85
°C
VDD(1)
InternalPowerSupplyVoltage
2.3
2.5
2.7
V
HSTL Output Power Supply Voltage
1.4
1.5
1.6
V
VDDQ(1)
Extended HSTL and 1.8V LVTTL Output Power Supply Voltage
1.65
1.8
1.95
V
2.5V LVTTL Output Power Supply Voltage
VDD
V
VT
TerminationVoltage
VDDQ / 2
V
RECOMMENDED OPERATING RANGE
NOTE:
1. All power supplies should operate in tandem. If VDD or VDDQ is at maximum, then VDDQ or VDD (respectively) should be at maximum, and vice-versa.
NOTE:
1. Capacitance applies to all inputs except RxS, TxS, nF[2:1], FBF[2:1],and DS[1:0].
CAPACITANCE(TA=+25°C,f=1MHz,VIN=0V)
Parameter
Description
Min.
Typ.
Max.
Unit
CIN
InputCapacitance
2.5
3
3.5
pF
COUT
OutputCapacitance
6.3
7
pF


Similar Part No. - IDT5T2110_2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T2110BBI IDT-IDT5T2110BBI Datasheet
162Kb / 23P
   2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER TERACLOCK
IDT5T2110NLI IDT-IDT5T2110NLI Datasheet
162Kb / 23P
   2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER TERACLOCK
More results

Similar Description - IDT5T2110_2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T2110 IDT-IDT5T2110 Datasheet
162Kb / 23P
   2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER TERACLOCK
IDT5T2010 IDT-IDT5T2010 Datasheet
157Kb / 23P
   2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK
IDT5T2010 IDT-IDT5T2010_2 Datasheet
207Kb / 24P
   2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK?
logo
Renesas Technology Corp
IDT5T9821 RENESAS-IDT5T9821 Datasheet
454Kb / 37P
   EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
IDT5T9820 RENESAS-IDT5T9820 Datasheet
458Kb / 37P
   EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL CLOCK DRIVER
NOVEMBER 2004
logo
Asahi Kasei Microsystem...
AK8122 AKM-AK8122 Datasheet
265Kb / 9P
   Differential Zero Delay Clock Buffer
AK8122V AKM-AK8122V Datasheet
265Kb / 9P
   Differential Zero Delay Clock Buffer
AK8122E AKM-AK8122E Datasheet
265Kb / 9P
   Differential Zero Delay Clock Buffer
logo
Integrated Device Techn...
IDT5T9891 IDT-IDT5T9891 Datasheet
286Kb / 37P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
logo
Renesas Technology Corp
IDT5T9891 RENESAS-IDT5T9891 Datasheet
459Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com