Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49EE802NDGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 5P49EE802NDGI8
Description  VERSACLOCK짰 LOW POWER CLOCK GENERATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49EE802NDGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 5P49EE802NDGI8 Datasheet HTML 3Page - Integrated Device Technology 5P49EE802NDGI8 Datasheet HTML 4Page - Integrated Device Technology 5P49EE802NDGI8 Datasheet HTML 5Page - Integrated Device Technology 5P49EE802NDGI8 Datasheet HTML 6Page - Integrated Device Technology 5P49EE802NDGI8 Datasheet HTML 7Page - Integrated Device Technology 5P49EE802NDGI8 Datasheet HTML 8Page - Integrated Device Technology 5P49EE802NDGI8 Datasheet HTML 9Page - Integrated Device Technology 5P49EE802NDGI8 Datasheet HTML 10Page - Integrated Device Technology 5P49EE802NDGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
IDT5P49EE802
VERSACLOCK® LOW POWER CLOCK GENERATOR
EEPROM CLOCK GENERATOR
IDT™ VERSACLOCK® LOW POWER CLOCK GENERATOR
7
IDT5P49EE802 REV C 061810
VSYNC, HSYNC, DOT_CLK – Modulation Rate Relationship
LOOP FILTER
The loop filter for each PLL can be programmed to optimize
the jitter performance. The low-pass frequency response of
the PLL is the mechanism that dictates the jitter transfer
characteristics. The loop bandwidth can be extracted from
the jitter transfer. A narrow loop bandwidth is good for jitter
attenuation while a wide loop bandwidth is best for low jitter
generation. The specific loop filter components that can be
programmed are the resistor via the RZ[4:0] bits, zero
capacitor via the CZ[2:0] bits, pole capacitor via the CP[1:0]
bits, and the charge pump current via the IP#[2:0] bits.
The following equations govern how the loop filter is set:
Zero capacitor (Cz) = 280pF
Pole capacitor (Cp) = 30pF
Charge pump (Ip) = IP#[2:0] uA
VCO gain (KVCO) = 350MHz/V * 2
Integer multiple of HSYNC periods
VSYNC
HSYNC
DOT_CLK
Modulation
Rate
X/2
X
X/2
X
X = Number of cycles of DOT_CLK per HSYNC period.
X/2 = Number of cycles of DOT_CLK that the modulation edge rises/falls.


Similar Part No. - 5P49EE802NDGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49EE802NDGI8 IDT-5P49EE802NDGI8 Datasheet
279Kb / 28P
   VersaClock Low-power Clock Generator
logo
Renesas Technology Corp
5P49EE802NDGI8 RENESAS-5P49EE802NDGI8 Datasheet
563Kb / 29P
   VersaClock® Low-power Clock Generator
REVISION P 04/01/16
More results

Similar Description - 5P49EE802NDGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE601 IDT-IDT5P49EE601 Datasheet
462Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE602 IDT-IDT5P49EE602 Datasheet
443Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE801 IDT-IDT5P49EE801 Datasheet
465Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE502 IDT-IDT5P49EE502 Datasheet
241Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR IDT5P49EE502
logo
Pericom Semiconductor C...
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
   Low Power Networking Clock Generator
logo
Integrated Device Techn...
5P49EE802 IDT-5P49EE802 Datasheet
279Kb / 28P
   VersaClock Low-power Clock Generator
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
   VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49021B PERICOM-PI6C49021B Datasheet
1Mb / 12P
   Low Power High Integration Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com