Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5P49EE801 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT5P49EE801
Description  VERSACLOCK짰 LOW POWER CLOCK GENERATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5P49EE801 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT5P49EE801 Datasheet HTML 1Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 2Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 3Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 4Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 5Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 6Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 7Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 8Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
IDT5P49EE801
VERSACLOCK® LOW POWER CLOCK GENERATOR
EEPROM CLOCK GENERATOR
IDT™ VERSACLOCK® LOW POWER CLOCK GENERATOR
4
IDT5P49EE801 REV C 061810
Note 1: Outputs are user programmable to drive single-ended 1.8V/2.5V/3.3V LVTTL. Alway completely power up VDD and
VDDx prior to applying VDDO power. Always power up device into “Active” configuration modes, prior to asserting Power
Down/Sleep mode SEL=00.
Note 2: Default configuration CLK4=Buffered MHz Reference output and CLK2=Buffered 32.768kHz output. All other
outputs are off.
OUT2
13
O
Adjustable
Configurable clock output 2. Single-ended output voltage levels
are register controlled by either VDDO1, VDDO2 or VDDO3.
SEL1
14
I
LVTTL
Configuration select pin. Weak internal pull down resistor.
OUT1
15
O
Adjustable
Configurable clock output 1. Single-ended output voltage levels
are register controlled by either VDDO1, VDDO2 or VDDO3.
VDD
16
Power
Device power supply. Connect to 1.8V.
VDD
17
Power
Device power supply. Connect to 1.8V.
OUT0
18
O
Adjustable
Configurable clock output 0. Single-ended output voltage levels
are register controlled by either VDDO1, VDDO2 or VDDO3.
VDDO3
19
Power
Device power supply. Connect to 1.8 to 3.3V. Using register
settings, select output voltage levels forOUT0-OUT6.
SCLK
20
I
LVTTL
I2C clock.
OUT6B
21
O
Adjustable
Configurable clock output 6B. Output voltage level is controlled
by VDDO1.
OUT6A
22
O
Adjustable
Configurable clock output 6B. Output voltage level is controlled
by VDDO1.
SDA
23
I/O
Open Drain
Bidirectional I2C data.
VDD
24
Power
Device power supply. Connect to 1.8V.
VDD
25
Power
Device power supply. Connect to 1.8V.
GND
26
Power
Connect to Ground.
XIN/ REF
27
I
LVTTL
MHz CRYSTAL_IN -- Reference crystal input or external
reference clock input.
XOUT
28
O
LVTTL
MHz CRYSTAL_OUT -- Reference crystal feedback.
EP
--
Exposed thermal pad should be externally connected to ground.
Pin Name
Pin #
I/O
Pin Type
Pin Description


Similar Part No. - IDT5P49EE801

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE802 IDT-IDT5P49EE802 Datasheet
448Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
More results

Similar Description - IDT5P49EE801

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE601 IDT-IDT5P49EE601 Datasheet
462Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE602 IDT-IDT5P49EE602 Datasheet
443Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE802 IDT-IDT5P49EE802 Datasheet
448Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE502 IDT-IDT5P49EE502 Datasheet
241Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR IDT5P49EE502
logo
Pericom Semiconductor C...
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
   Low Power Networking Clock Generator
logo
Integrated Device Techn...
5P49EE802 IDT-5P49EE802 Datasheet
279Kb / 28P
   VersaClock Low-power Clock Generator
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
   VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49021B PERICOM-PI6C49021B Datasheet
1Mb / 12P
   Low Power High Integration Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com