Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5P49EE801 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT5P49EE801
Description  VERSACLOCK짰 LOW POWER CLOCK GENERATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5P49EE801 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT5P49EE801 Datasheet HTML 1Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 2Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 3Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 4Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 5Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 6Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 7Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 8Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
IDT5P49EE801
VERSACLOCK® LOW POWER CLOCK GENERATOR
EEPROM CLOCK GENERATOR
IDT™ VERSACLOCK® LOW POWER CLOCK GENERATOR
2
IDT5P49EE801 REV C 061810
Functional Block Diagram
Note: OUT6A & OUT6B pair can be configured to be LVDS or two single-ended LVTTL outputs.
PLL A
PL LB (SS)
PL LC
PL LD
XIN/R E F
XO UT
SD A
SCL
S E L [1 :0 ]
R E F SEL0
R E F SEL2
Co ntro l
Logic
32 kX IN
32 kX O U T
R E F SEL1
R E F SEL3
GND
VDD
VD DO 2
VDD O 1
VD DO 3
/D IV 6
OUT 6A
OU T 6B
/D IV 4
OU T 4
S
R
C
4
/D IV 3
OUT 3
S
R
C
3
/D IV 2
OU T 2
S
R
C
2
/D IV 1
OU T 1
S
R
C
1
/D IV 0
OU T 0
S
R
C
0
/D IV 5
OU T 5
S
R
C
5
S
R
C
6


Similar Part No. - IDT5P49EE801

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE802 IDT-IDT5P49EE802 Datasheet
448Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
More results

Similar Description - IDT5P49EE801

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE601 IDT-IDT5P49EE601 Datasheet
462Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE602 IDT-IDT5P49EE602 Datasheet
443Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE802 IDT-IDT5P49EE802 Datasheet
448Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE502 IDT-IDT5P49EE502 Datasheet
241Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR IDT5P49EE502
logo
Pericom Semiconductor C...
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
   Low Power Networking Clock Generator
logo
Integrated Device Techn...
5P49EE802 IDT-5P49EE802 Datasheet
279Kb / 28P
   VersaClock Low-power Clock Generator
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
   VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49021B PERICOM-PI6C49021B Datasheet
1Mb / 12P
   Low Power High Integration Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com