Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FG108DGLFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 9FG108DGLFT
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG108DGLFT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 9FG108DGLFT Datasheet HTML 2Page - Integrated Device Technology 9FG108DGLFT Datasheet HTML 3Page - Integrated Device Technology 9FG108DGLFT Datasheet HTML 4Page - Integrated Device Technology 9FG108DGLFT Datasheet HTML 5Page - Integrated Device Technology 9FG108DGLFT Datasheet HTML 6Page - Integrated Device Technology 9FG108DGLFT Datasheet HTML 7Page - Integrated Device Technology 9FG108DGLFT Datasheet HTML 8Page - Integrated Device Technology 9FG108DGLFT Datasheet HTML 9Page - Integrated Device Technology 9FG108DGLFT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IDTTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
1542E 12/16/10
ICS9FG108D
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
6
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = Tambient, Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage
VIH
3.3 V +/-5%
2
V
DD + 0.3
V1
Input Low Voltage
VIL
3.3 V +/-5%
V
SS - 0.3
0.8
V
1
Input High Current
IIH
VIN = VDD
-5
5
uA
1
IIL1
VIN = 0 V; Inputs with no pull-
up resistors
-5
uA
1
IIL2
VIN = 0 V; Inputs with pull-up
resistors
-200
uA
1
IDDVDD
186
215
mA
1
IDDVDDA
22
25
mA
1
IDDVDD
156
179
mA
1
IDDVDDA
22
25
mA
1
IDDVDDPD
148
170
mA
1
IDDVDDAPD
22
25
mA
1
IDDVDDPD
30
35
mA
1
IDDVDDAPD
22
25
mA
1
IDDVDD
205
236
mA
1
IDDVDD
24
28
mA
1
IDDVDDA
172
198
mA
1
IDDVDDA
24
28
mA
1
163
187
mA
1
24
28
mA
1
33
38
mA
1
24
28
mA
1
SEL14M_25M# = 0
22.50
25.00
28.00
MHz
3
SEL14M_25M# = 1
12.89 14.31818
15.75
MHz
3
Pin Inductance
1
Lpin
7nH
1
CIN
Logic Inputs
1.5
5
pF
1
COUT
Output pin capacitance
6
pF
1
TSTABcom
From VDD Power-Up to 1st
clock
1.8
ms
1,2
TSTABind
From VDD Power-Up to 1st
clock
3ms
1,2
SEL14M_25M# = 0
32.541
kHz
1,3,4
SEL14M_25M# = 1
32.467
kHz
1,3,4
Spread Modulation %
fMOD%DWN
Down Spread Selected
-0.5
%
1,3,4
Spread Modulation %
fMOD%CTR
Center Spread Selected
+/-0.25
%
1,3,4
DIF output enable
tDIFOE
DIF output enable after
DIF_Stop# de-assertion
15
ns
1
Input Rise and Fall times
tR/tF
20% to 80% of VDD
5
ns
1
1Guaranteed by design and characterization, not 100% tested in production.
2See timing diagrams for timing requirements.
All DIF pairs stopped in Hi-Z
mode
3 Input frequency should be measured at the REF pin and tuned to 0 PPM to meet
ppm frequency accuracy on PLL outputs.
4 These values assume 25MHz or 14.31818MHz inputs respectively. Using a higher or lower frequency will scale
these frequencies accordingly. The output frequecy selected by the FS inputs will also scale. For example, 27MHz
input with an FS selection of 100MHz will yield an output frequency of 27/25 x 100 = 108MHz.
All DIF pairs stopped in Hi-Z
mode
CL=Full load; fout = 400 MHz
CL=Full load; fout = 100 MHz
All DIF pairs stopped in driven
mode
Input/Output
Capacitance
1
Fi
Clk Stabilization
1,2
Input Low Current
Operating Supply Current
(TA = Commercial)
DIF_STOP# Current
(TA = Commercial)
Input Frequency
3
CL=Full load; fout = 400 MHz
CL=Full load; fout = 100 MHz
All DIF pairs stopped in driven
mode
IDDVDDPD
IDDVDDAPD
SPEC
Operating Supply Current
(TA = Industrial)
DIF_STOP# Current
(TA = Industrial)
fMOD
Spread Modulation
Frequency


Similar Part No. - 9FG108DGLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FG108E RENESAS-9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
9FG108EFILF RENESAS-9FG108EFILF Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
9FG108EFILFT RENESAS-9FG108EFILFT Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
9FG108EFLF RENESAS-9FG108EFLF Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
9FG108EFLFT RENESAS-9FG108EFLFT Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
More results

Similar Description - 9FG108DGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104 IDT-ICS9FG104 Datasheet
246Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108 IDT-ICS9FG108 Datasheet
252Kb / 19P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Renesas Technology Corp
9FG104E RENESAS-9FG104E Datasheet
386Kb / 19P
   FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
logo
Integrated Device Techn...
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
logo
Renesas Technology Corp
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com