Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DB106BGILFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9DB106BGILFT
Description  Six Output Differential Buffer for PCIe Gen 2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB106BGILFT Datasheet(HTML) 2 Page - Integrated Device Technology

  9DB106BGILFT Datasheet HTML 1Page - Integrated Device Technology 9DB106BGILFT Datasheet HTML 2Page - Integrated Device Technology 9DB106BGILFT Datasheet HTML 3Page - Integrated Device Technology 9DB106BGILFT Datasheet HTML 4Page - Integrated Device Technology 9DB106BGILFT Datasheet HTML 5Page - Integrated Device Technology 9DB106BGILFT Datasheet HTML 6Page - Integrated Device Technology 9DB106BGILFT Datasheet HTML 7Page - Integrated Device Technology 9DB106BGILFT Datasheet HTML 8Page - Integrated Device Technology 9DB106BGILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IDT® Six Output Differential Buffer for PCIe Gen 2
9DB106
REV K 04/20/11
9DB106
Six Output Differential Buffer for PCIe Gen 2
2
Pin Configuration
Power Groups
28-pin SSOP & TSSOP
VDD
GND
7, 13, 16, 22
8,21
PCI Express Outputs
TBD
TBD
SMBUS
N/A
27
IREF
28
27
Analog VDD & GND for PLL core
Description
Pin Number
PLL_BW 1
28 VDDA
CLK_INT 2
27 GNDA
CLK_INC 3
26 IREF
vCLKREQ1# 4
25 vCLKR EQ4#
PCIEXT0 5
24 PCIEXT5
PCIEXC0 6
23 PCIEXC5
VDD 7
22 VDD
GND 8
21 GND
PCIEXT1 9
20 PCIEXT4
PCIEXC1 10
19 PCIEXC4
PCIEXT2 11
18 PCIEXT3
PCIEXC2 12
17 PCIEXC3
VDD 13
16 VDD
SMBDAT 14
15 SMBCLK
120K ohm pull down resistors
Note:Pins preceeded by ' v ' have internal


Similar Part No. - 9DB106BGILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB106 RENESAS-9DB106 Datasheet
337Kb / 15P
   Six Output Differential Buffer for PCIe Gen 2
05/24/12
More results

Similar Description - 9DB106BGILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB106 RENESAS-9DB106 Datasheet
337Kb / 15P
   Six Output Differential Buffer for PCIe Gen 2
05/24/12
logo
Integrated Device Techn...
ICS9DB803DI IDT-ICS9DB803DI Datasheet
254Kb / 21P
   Eight Output Differential Buffer for PCIe Gen 2
9DB633 IDT-9DB633 Datasheet
238Kb / 14P
   Six Output Differential Buffer for PCIe Gen3
logo
Renesas Technology Corp
9DB633 RENESAS-9DB633 Datasheet
332Kb / 15P
   Six Output Differential Buffer for PCIe Gen3
10/20/16
logo
Integrated Device Techn...
ICS9DB403D IDT-ICS9DB403D Datasheet
278Kb / 19P
   Four Output Differential Buffer for PCIe Gen 1 and Gen 2
logo
Renesas Technology Corp
ICS9DB403D RENESAS-ICS9DB403D Datasheet
349Kb / 20P
   Four Output Differential Buffer for PCIe Gen 1 and Gen 2
2019
logo
Integrated Device Techn...
ICS9DS400 IDT-ICS9DS400 Datasheet
316Kb / 19P
   Four Output Differential Buffer for PCIe Gen 2 with Spread
logo
Renesas Technology Corp
9DS400 RENESAS-9DS400 Datasheet
462Kb / 20P
   Four Output Differential Buffer for PCIe Gen 2 with Spread
09/17/09
logo
Integrated Device Techn...
9DB423B IDT-9DB423B Datasheet
286Kb / 19P
   Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
logo
Skyworks Solutions Inc.
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com