Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU6D Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # GBU6D
Description  Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 6 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

GBU6D Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  GBU6D Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd GBU6D Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
特性曲线 Characteristic Curves
10
100
02
5
20
50
0
150
180
120
90
60
30
1
1.4
1.3
0.7
0.8
0.9
1.2
10
100
1.1
0.6
1.0
Pulse measurement
per diode
Tl=25℃
8.3 mS 8.3mS
1 Cycle
non-repetitive
Tj=25℃ before
VF Instantaneous Forward Voltage (V)
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
通过电流的周期
正向电压 VF(V)
浪涌特性曲线(最大值)
正向电流降额曲线
正向特性曲线(典型值)
FORWARD CURRENT DERATING CURVE
TYPICAL FORWARD CHARACTERISTIC
MAXIMUM NON REPETITIVE
大昌电子
DACHANG ELECTRONICS
管体温度 Tc(
°C)
Tc. Case temperature (°C)
GBU6A ...... GBU6M
0
40
80
120
160
0
4
8
2
6


Similar Part No. - GBU6D

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GBU6D GENESIC-GBU6D Datasheet
373Kb / 3P
   Silicon Bridge Rectifier
logo
Pan Jit International I...
GBU6D PANJIT-GBU6D Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 100 Volts CURRENT - 6.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU6D GENESIC-GBU6D Datasheet
345Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Diotec Semiconductor
GBU6D DIOTEC-GBU6D Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Micro Commercial Compon...
GBU6D MCC-GBU6D Datasheet
182Kb / 3P
   6 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBU6D

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 4 A
GBU8A DACHANG-GBU8A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A
DB101 DACHANG-DB101 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
KBJ8A DACHANG-KBJ8A Datasheet
210Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 8 A
KBJ10A DACHANG-KBJ10A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 10 A
KBJ4A DACHANG-KBJ4A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A
logo
AiT Semiconductor Inc.
DB201S AITSEMI-DB201S Datasheet
533Kb / 5P
   BRIDGE RECTIFIER REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 2.0 A
REV1.0
logo
ASEMI TECHNOLOGY., LTD
KBJ1010 ASEMI-KBJ1010 Datasheet
235Kb / 2P
   1 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com