Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES3D Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # ES3D
Description  Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 3.0 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

ES3D Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  ES3D Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd ES3D Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES3A ES3B ES3C ES3D ES3E ES3G ES3J
600
50
100
150
200
300
400
50
100
150
200
300
400
600
35
70
105
140
210
280
420
47
100
3.0
10
30
ES3A ...... ES3J
表面安装超快速整流二极管
反向电压
50 --- 600V
正向电流
3.0 A
SIYU R
V
μA
pF
IR
Cj
最大正向电压
IF = 3.0A
最大反向电流
TA= 25℃
典型结电容
VR = 4.0V, f = 1MHz
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Reverse Voltage 50 to 600 V
Forward Current 3.0 A
Operating junction and storage temperature range
Tj, TSTG
RθJA
ES3A ES3B ES3C ES3D ES3E ES3G ES3J
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
nS
trr
MAX. Reverse Recovery Time
35
0.95
1.25
1.7
Surface Mount Super Fast Recover Rectifiers
大昌电子
DACHANG ELECTRONICS
TA= 100℃
100
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒 seconds at terminals
机械数据 Mechanical Data
·端子
: 焊料被镀 Terminals: Solder plated
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
·封装
: 塑料封装 Case: Molded plastic body
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
SMC
.246(6.22)
.220(5.59)
.128(3.25)
.108(2.75)
.280(7.11)
.260(6.60)
.012(0.305)
.006(0.152)
.320(8.13)
.305(7.75)
.050(1.27)
.030(0.76)
Unit:inch(mm)
.103(2.62)
.079(2.00)
.008(0.203)
.002(0.051)


Similar Part No. - ES3D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3D DIODES-ES3D Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Microdiode Electronics ...
ES3D CHENDA-ES3D Datasheet
542Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
ES3D MIC-ES3D Datasheet
63Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES3D YIXIN-ES3D Datasheet
208Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
SAMYANG ELECTRONICS CO....
ES3D SAMYANG-ES3D Datasheet
1Mb / 2P
   SUPER FAST RE
More results

Similar Description - ES3D

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
ES1AL DACHANG-ES1AL Datasheet
131Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
ES1A DACHANG-ES1A Datasheet
122Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
ES2A DACHANG-ES2A Datasheet
120Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 2.0 A
RS3A DACHANG-RS3A Datasheet
118Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
RS1AL DACHANG-RS1AL Datasheet
129Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RS1A DACHANG-RS1A Datasheet
119Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
GOOD-ARK Electronics
ES3A GOOD-ARK-ES3A Datasheet
174Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
First Silicon Co., Ltd
ES2A FS-ES2A Datasheet
202Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 2.0 Amperes
logo
GOOD-ARK Electronics
ES3AB GOOD-ARK-ES3AB Datasheet
153Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
First Silicon Co., Ltd
ES3A FS-ES3A Datasheet
218Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com