Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-F1611 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-F1611
Description  NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1611 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-F1611 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1611 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F1611 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F1611 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-F1611 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-F1611 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-F1611 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
Dec-11-1996
BFP 81
NPN Silicon RF Transistor
• For low-noise amplifiers up to 2GHz
at collector currents from 0.5 mA to 20 mA.
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BFP 81
FAs
Q62702-F1611
1 = C
2 = E
3 = B
4 = E
SOT-143
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
16
V
Collector-emitter voltage
VCES
25
Collector-base voltage
VCBO
25
Emitter-base voltage
VEBO
2
Collector current
IC
30
mA
Base current
IB
4
Total power dissipation
TS ≤ 73 °C
Ptot
280
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
- 65 ... + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 275
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb.


Similar Part No. - Q62702-F1611

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F1613 SIEMENS-Q62702-F1613 Datasheet
36Kb / 4P
   Silicon N-Channel MOSFET Tetrode
More results

Similar Description - Q62702-F1611

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR92P SIEMENS-BFR92P Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
BFR92W SIEMENS-BFR92W Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
BFP93A SIEMENS-BFP93A Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFR93AW SIEMENS-BFR93AW Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFR181W SIEMENS-BFR181W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFR181 SIEMENS-BFR181 Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFQ29P SIEMENS-BFQ29P Datasheet
228Kb / 10P
   NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA.)
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com