Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA123YCA Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # DTA123YCA
Description  DIGITAL TRANSISTOR(PNP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

DTA123YCA Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  DTA123YCA Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. DTA123YCA Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute maximum ratings(Ta=25
)
Limits (DTA123Y□ )
Parameter
Symbol
E
UA
KA
CA
SA
Unit
Supply voltage
VCC
-50
V
Input voltage
VIN
-12~5
V
IO
-100
Output current
IC(MAX)
-100
mA
Power dissipation
Pd
150
200
300
mW
Junction
temperature
Tj
150
Storage temperature
Tstg
-55~150
Electrical characteristics (Ta=25
)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
-0.3
VCC=-5V ,IO=-100µA
Input voltage
VI(on)
-3
V
VO=-0.3V ,IO=-20 mA
Output voltage
VO(on)
-0.3
V
IO/II=-10mA/-0.5mA
Input current
II
-3.8
mA
VI=-5V
Output current
IO(off)
-0.5
µA
VCC=-50V ,VI=0
DC current gain
GI
33
VO=-5V ,IO=-10mA
Input resistance
R1
1.54
2.2
2.86
KΩ
Resistance ratio
R2/R1
3.6
4.5
5.5
Transition frequency
fT
250
MHz
VCE=-10V ,IE=5mA,f=100MHz
Typical Characteristics
DTA123YE/DTA123YUA/DTA123YCA/DTA123YKA/DTA123YSA
2 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - DTA123YCA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTA123YCA JIANGSU-DTA123YCA Datasheet
136Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA123YCA ROHM-DTA123YCA Datasheet
1,013Kb / 8P
   PNP -100mA -50V Digital Transistor
logo
SeCoS Halbleitertechnol...
DTA123YCA SECOS-DTA123YCA Datasheet
196Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Micro Commercial Compon...
DTA123YCA MCC-DTA123YCA Datasheet
320Kb / 2P
   Digital Transistors
logo
Rectron Semiconductor
DTA123YCA RECTRON-DTA123YCA Datasheet
315Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
More results

Similar Description - DTA123YCA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
   Digital Transistor(PNP)
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
   PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
   PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
   PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
   PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
   PNP Digital Transistor
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
   PNP DIGITAL TRANSISTOR
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TCA MCC-DTA114TCA_13 Datasheet
223Kb / 3P
   PNP Digital Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com