Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C6V2CCW Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # BZX84C6V2CCW
Description  SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BZX84C6V2CCW Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BZX84C6V2CCW Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BZX84C6V2CCW Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics at Ta = 25 OC (VF = 0.9 V Max. at IF = 10 mA)
Zener Voltage Range
1)
Dynamic Resistance
Reverse Current
VZ
at lZT
ZZT
at lZT
ZZK
at IZK
IR
at VR
Type
Marking
Code
Min.(V)
Max.(V)
mA
Max.(Ω)
mA
Max.(Ω)
mA
Max.(µA)
V
BZX84C43CCW
PY
40
46
2
150
2
375
0.5
0.1
30.1
BZX84C47CCW
PZ
44
50
2
170
2
375
0.5
0.1
32.9
BZX84C51CCW
RA
48
54
2
180
2
400
0.5
0.1
35.7
BZX84C56CCW
RB
52
60
2
200
2
425
0.5
0.1
39.2
BZX84C62CCW
RC
58
66
2
215
2
450
0.5
0.1
43.4
BZX84C68CCW
RD
64
72
2
240
2
475
0.5
0.1
47.6
BZX84C75CCW
RE
70
79
2
255
2
500
0.5
0.1
52.5
1) Tested with pulses tp = 20 ms.
BZX84C…CCW Series
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - BZX84C6V2CCW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
BZX84C6V2CC HTSEMI-BZX84C6V2CC Datasheet
609Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Diode Semiconductor Kor...
BZX84C6V2CC DSK-BZX84C6V2CC Datasheet
352Kb / 5P
   SILCON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
BZX84C6V2CC ZSELEC-BZX84C6V2CC Datasheet
131Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - BZX84C6V2CCW

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com