Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C2V2 Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # BZX84C2V2
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BZX84C2V2 Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BZX84C2V2 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BZX84C2V2 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BZX84C2V2 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics ( Ta = 25
O
C unless otherwise noted, VF < 0.9 V at IF = 10 mA)
VZ1 (V)
@ IZT1 = 5 mA
1)
VZ2 (V)
@ IZT2 = 1 mA
1)
VZ3 (V)
@ IZT3 = 20 mA
1)
Maximum Reverse
Leakage Current
Type
Marking
Code
Min.
Nom.
Max.
ZZT1 (Ω)
@ IZT1 =
5 mA
Min.
Max.
ZZT2 (Ω)
@ IZT2 =
1 mA 2)
Min.
Max.
ZZT3 (Ω)
@ IZT3 =
20 mA
IR @ VR
µA
V
BZX84C2V0
A8
1.8
2.0
2.15
100
-
-
-
-
-
-
120
0.5
BZX84C2V2
B8
2.08
2.2
2.33
100
-
-
-
-
-
-
120
0.7
BZX84C2V4
C8
2.2
2.4
2.6
100
1.7
2.1
600
2.6
3.2
50
50
1
BZX84C2V7
D8
2.5
2.7
2.9
100
1.9
2.4
600
3
3.6
50
20
1
BZX84C3V0
E8
2.8
3
3.2
95
2.1
2.7
600
3.3
3.9
50
10
1
BZX84C3V3
F8
3.1
3.3
3.5
95
2.3
2.9
600
3.6
4.2
40
5
1
BZX84C3V6
H8
3.4
3.6
3.8
90
2.7
3.3
600
3.9
4.5
40
5
1
BZX84C3V9
J8
3.7
3.9
4.1
90
2.9
3.5
600
4.1
4.7
30
3
1
BZX84C4V3
K8
4
4.3
4.6
90
3.3
4
600
4.4
5.1
30
3
1
BZX84C4V7
M8
4.4
4.7
5
80
3.7
4.7
500
4.5
5.4
15
3
2
BZX84C5V1
N8
4.8
5.1
5.4
60
4.2
5.3
480
5
5.9
15
2
2
BZX84C5V6
P8
5.2
5.6
6
40
4.8
6
400
5.2
6.3
10
1
2
BZX84C6V2
R8
5.8
6.2
6.6
10
5.6
6.6
150
5.8
6.8
6
3
4
BZX84C6V8
X8
6.4
6.8
7.2
15
6.3
7.2
80
6.4
7.4
6
2
4
BZX84C7V5
Y8
7
7.5
7.9
15
6.9
7.9
80
7
8
6
1
5
BZX84C8V2
Z8
7.7
8.2
8.7
15
7.6
8.7
80
7.7
8.8
6
0.7
5
BZX84C9V1
A9
8.5
9.1
9.6
15
8.4
9.6
100
8.5
9.7
8
0.5
6
BZX84C10
B9
9.4
10
10.6
20
9.3
10.6
150
9.4
10.7
10
0.2
7
BZX84C11
C9
10.4
11
11.6
20
10.2
11.6
150
10.4
11.8
10
0.1
8
BZX84C12
D9
11.4
12
12.7
25
11.2
12.7
150
11.4
12.9
10
0.1
8
BZX84C13
E9
12.4
13
14.1
30
12.3
14
170
12.5
14.2
15
0.1
8
BZX84C15
F9
14.3
15
15.8
30
13.7
15.5
200
13.9
15.7
20
0.05
10.5
BZX84C16
H9
15.3
16
17.1
40
15.2
17
200
15.4
17.2
20
0.05
11.2
BZX84C18
J9
16.8
18
19.1
45
16.7
19
225
16.9
19.2
20
0.05
12.6
BZX84C20
K9
18.8
20
21.2
55
18.7
21.1
225
18.9
21.4
20
0.05
14
BZX84C22
M9
20.8
22
23.3
55
20.7
23.2
250
20.9
23.4
25
0.05
15.4
BZX84C24
N9
22.8
24
25.6
70
22.7
25.5
250
22.9
25.7
25
0.05
16.8
VZ1 Below
@ IZT1= 2 mA
VZ2 Below
@ IZT2 = 0.1 mA
VZ3 Below
@ IZT3 = 10 mA
Maximum Reverse
Leakage Current
Type
Marking
Code
Min.
Nom.
Max.
ZZT1
Below
@ IZT1 =
2 mA
Min.
Max.
ZZT2
Below
@ IZT4 =
0.5 mA2)
Min.
Max.
ZZT3
Below
@ IZT3 =
10 mA
IR @ VR
µA
V
BZX84C27
P9
25.1
27
28.9
80
25
28.9
300
25.2
29.3
45
0.05
18.9
BZX84C30
R9
28
30
32
80
27.8
32
300
28.1
32.4
50
0.05
21
BZX84C33
X9
31
33
35
80
30.8
35
325
31.1
35.4
55
0.05
23.1
BZX84C36
Y9
34
36
38
90
33.8
38
350
34.1
38.4
60
0.05
25.2
BZX84C39
Z9
37
39
41
130
36.7
41
350
37.1
41.5
70
0.05
27.3
BZX84C43
A0
40
43
46
150
39.7
46
375
40.1
46.5
80
0.05
30.1
BZX84C47
B0
44
47
50
170
43.7
50
375
44.1
50.5
90
0.05
32.9
BZX84C51
C0
48
51
54
180
47.6
54
400
48.1
54.6
100
0.05
35.7
BZX84C56
D0
52
56
60
200
51.5
60
425
52.1
60.8
110
0.05
39.2
BZX84C62
E0
58
62
66
215
57.4
66
450
58.2
67
120
0.05
43.4
BZX84C68
F0
64
68
72
240
63.4
72
475
64.2
73.2
130
0.05
47.6
BZX84C75
H0
70
75
79
255
69.4
79
500
70.3
80.2
140
0.05
52.5
1) Tested with pulses tp = 20 ms.
2) The Zener impedance, ZZT2, for the 27 through 75 volt types is tested at 0.5 mA rather than the test current of 0.1 mA used for VZ2
BZX84C…Series
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - BZX84C2V2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BZX84C2V2 SEMTECH_ELEC-BZX84C2V2 Datasheet
229Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Kingtronics Internation...
BZX84C2V2 KINGTRONICS-BZX84C2V2 Datasheet
403Kb / 3P
   BZX84C2V0... BZX84C75 Silicon Planar Zener Diodes
logo
Suntan Capacitors
BZX84C2V2 SUNTAN-BZX84C2V2 Datasheet
136Kb / 3P
   Zener breakdown voltage range - 2.0 V to 75 V
logo
KEC(Korea Electronics)
BZX84C2V2 KEC-BZX84C2V2 Datasheet
363Kb / 3P
   SEMICONDUCTOR
logo
Zibo Seno Electronic En...
BZX84C2V2 ZSELEC-BZX84C2V2 Datasheet
132Kb / 3P
   350mW Silicon Planar Zener Diodes
More results

Similar Description - BZX84C2V2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com