Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR05A60 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # DFR05A60
Description  Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 5 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

DFR05A60 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  DFR05A60 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd DFR05A60 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
600
300
400
300
400
600
210
280
420
80
5
V
μA
IR
最大正向电压
最大反向电流
TA= 25℃
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
TA=125℃
Maximum forward voltage
Maximum reverse current
VF
-55---+150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Operating junction and storage temperature range
Tj, TSTG
RθJC
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·低功耗高效率。
Low Power Loss,High Efficiency
DFR05A20 ...... DFR05A60
反向电压
200---600V
正向电流
5A
Reverse Voltage 200 to 600 V
Forward Current
5 A
DFR05A20
DFR05A40
DFR05A60
IF = 5A
·正向压降低。
Low Forward Voltage Drop
·大电流承受能力。
High Current Capability
最大反向恢复时间
nS
trr
IF=0.5A IR=1.0A IREC=0.25A
MAX. Reverse Recovery Time
0.98
1.30
1.80
30
40
塑封超快速整流二极管
Plastic Ultra-Fast Recover Rectifier
DFR05A30
200
200
140
大昌电子
DACHANG ELECTRONICS
·安装扭距: 推荐值 0.3牛*米 Mounting torque:Recommend 0.3 N*m
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
4.0
250
SIYU R
DFR05A20
DFR05A40
DFR05A60
DFR05A30
12
.420(10.67)
.380(9.65)
.270(6.86)
.230(5.84)
.138(3.5)
MAX
.028(0.7)
.019(0.5)
Φ.138(3.5)
Φ.118(3.0)
.109(2.79)
.090(2.29)
.109(2.79)
.090(2.29)
.500(12.70)
MIN
.115(2.92)
.080(2.03)
.025(0.65)
MAX
.625(15.88)
.560(14.22)
.054(1.4)
.045(1.14)
.189(4.8)
.138(3.5)
Unit:inch(mm)
TO-220AC
1
2


Similar Part No. - DFR05A60

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
DFR05A60 DACHANG-DFR05A60 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
More results

Similar Description - DFR05A60

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
DFRF05A20 DACHANG-DFRF05A20 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 5 A
DUFF05A60 DACHANG-DUFF05A60 Datasheet
148Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 600 V Forward Current 5 A
DFR20A20CT DACHANG-DFR20A20CT Datasheet
137Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 20 A
DFR15A20 DACHANG-DFR15A20 Datasheet
165Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 15 A
DFRF20A20CT DACHANG-DFRF20A20CT Datasheet
126Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 20 A
DFRF10A20CT DACHANG-DFRF10A20CT Datasheet
126Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A
DFRF10A20 DACHANG-DFRF10A20 Datasheet
147Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A
DFR10A20 DACHANG-DFR10A20 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A
DFR10A20CT DACHANG-DFR10A20CT Datasheet
137Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A
DFRF15A20 DACHANG-DFRF15A20 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 15 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com