Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC868 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # BC868
Description  TRANSISTOR (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BC868 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BC868 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BC868 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
High current
Low voltage
MAXIMUM RATINGS
(TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
32
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
1
A
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
32
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=25V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
hFE(1)
VCE=1V,IC=500mA
85
375
hFE(2)
VCE=1V,IC=1A
60
DC current gain
hFE(3)
VCE=10V,IC=5mA
50
Collector-emitter saturation voltage
VCE(sat)
IC=1A,IB=100mA
0.5
V
VBE1
VCE=10V,IC=5mA
0.62
V
Base-emitter voltage
VBE2
VCE=1V,IC=1A
1
V
Transition frequency
fT
VCE=5V,IC=10mA,f=100MHz
40
MHz
CLASSIFICATION OF
hFE(1)
Rank
BC868-10
BC868-16
BC868-25
Range
85-160
100-250
160-375
Marking
CBC
CCC
CDC
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
BC868
TRANSISTOR (NPN)
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - BC868

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC868 PHILIPS-BC868 Datasheet
43Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
SHIKUES Electronics
BC868 SKTECHNOLGY-BC868 Datasheet
1Mb / 2P
   Plastic-Encapsulate NPN Transistors
logo
Zetex Semiconductors
BC868 ZETEX-BC868 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Nexperia B.V. All right...
BC868 NEXPERIA-BC868 Datasheet
2Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8 - 18 October 2011
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
   NPN Medium Power Transistor
More results

Similar Description - BC868

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com