Electronic Components Datasheet Search |
|
1N5396 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd |
|
1N5396 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd |
1 / 2 page 1N 5392 1N 5393 1N 5394 1N 5395 1N 5396 1N 5397 1N 5398 800 100 200 300 400 500 600 100 200 300 400 500 600 800 70 140 280 350 420 560 45 50 1.5 1.2 V 5.0 200 μA pF IR 1N5391 ...... 1N5399 1N 5399 1000 1000 700 1N 5391 50 50 35 20 1N 5392 1N 5393 1N 5394 1N 5395 1N 5396 1N 5397 1N 5398 1N 5399 1N 5391 SIYU R 普通塑封整流二极管 反向电压 50 ---1000 V 正向电流 1.5 A General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A 1.0(25.4) MIN .300(7.6) .230(5.8) 1.0(25.4) MIN .140(3.6) .104(2.6) DIA DIA .034(0.9) .028(0.7) DO-15 Unit:inch(mm) 210 Cj 最大正向电压 IF = 1.5A 最大反向电流 TA= 25℃ 典型结电容 VR = 4.0V, f = 1MHz TA=100℃ Maximum forward voltage Maximum reverse current Type junction capacitance VF 符号 Symbols 单位 Unit 电特性 TA = 25℃ 除非另有规定。 Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified. 最大可重复峰值反向电压 Maximum repetitive peak reverse voltage 最大均方根电压 Maximum RMS voltage 最大直流阻断电压 Maximum DC blocking voltage 最大正向平均整流电流 Maximum average forward rectified current 峰值正向浪涌电流 8.3ms单一正弦半波 Peak forward surge current 8.3 ms single half sine-wave 典型热阻 Typical thermal resistance 工作结温和存储温度 Operating junction and storage temperature range -55 --- +150 V V V A A ℃ /W VRRM VRMS VDC IF(AV) IFSM ℃ Tj, TSTG 极限值和温度特性 TA = 25℃ 除非另有规定。 Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified. 符号 Symbols 单位 Unit RθJA 大昌电子 DACHANG ELECTRONICS 特征 Features ·反向漏电流低 Low reverse leakage ·正向浪涌承受能力较强 High forward surge capability ·高温焊接保证 High temperature soldering guaranteed: 260℃/10 秒, 0.375" (9.5mm)引线长度。 260℃/10 seconds, 0.375" (9.5mm) lead length, ·引线可承受 5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension 机械数据 Mechanical Data ·端子 : 镀锡轴向引线 Terminals: Plated axial leads ·极性 : 色环端为负极 Polarity: Color band denotes cathode end ·安装位置 : 任意 Mounting Position: Any ·引线和管体皆符合ROHS标准 。 Lead and body according with ROHS standard |
Similar Part No. - 1N5396 |
|
Similar Description - 1N5396 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |