Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3356 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC3356
Description  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC3356 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SC3356 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2. 80¡ À0. 05
1. 60¡ À0. 05
TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
0.2
W (Tamb=25
℃)
Collector current
ICM:
0.1
A
Collector-base voltage
V(BR)CBO:
20
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=10
µA, IE=0
20
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 1mA, IB=0
12
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10µA, IC=0
3
V
Collector cut-off current
ICBO
VCB= 10 V, IE=0
1
µA
Emitter cut-off current
IEBO
VEB= 1V , IC=0
1
µA
DC current gain
hFE
VCE= 10V, IC= 20mA
50
300
Transition frequency
fT
VCE=10V, IC= 20mA
6
GHz
Noise figure
NF
VCE=10V, IC= 7mA, f = 1GHz
2
dB
CLASSIFICATION OF hFE
Marking
R23
R24
R25
Rank
Q
R
S
Range
50-100
80-160
125-250
SOT-23-3L
1. BASE
2. EMITTER
3. COLLECTOR
2SC3356
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - 2SC3356

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
logo
Guilin Strong Micro-Ele...
2SC3356 GSME-2SC3356 Datasheet
282Kb / 3P
   SOT-23
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
California Eastern Labs
2SC3356 CEL-2SC3356 Datasheet
1Mb / 9P
   NPN Epitaxial Silicon RF Transistor for Microwave Low-Noise Amplification 3-pin Minimold
logo
Guangdong Kexin Industr...
2SC3356 KEXIN-2SC3356 Datasheet
39Kb / 1P
   NPN Silicon Epitaxial Transistor
More results

Similar Description - 2SC3356

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com