Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP180W Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # BFP180W
Description  NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP180W Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BFP180W Datasheet HTML 1Page - Siemens Semiconductor Group BFP180W Datasheet HTML 2Page - Siemens Semiconductor Group BFP180W Datasheet HTML 3Page - Siemens Semiconductor Group BFP180W Datasheet HTML 4Page - Siemens Semiconductor Group BFP180W Datasheet HTML 5Page - Siemens Semiconductor Group BFP180W Datasheet HTML 6Page - Siemens Semiconductor Group BFP180W Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Semiconductor Group
7
Dec-12-1996
BFP 180W
Power Gain
Gma, Gms = f(VCE):_____
|
S21|2 = f(VCE):---------
f = Parameter
0
2
4
6
8
V
12
V
CE
0
2
4
6
8
10
12
14
dB
18
G
0.9GHz
1.8GHz
0.9GHz
1.8GHz
I
C=1mA
Intermodulation Intercept Point
IP3=f(IC)
(3rd order, Output,
ZS=ZL=50Ω)
VCE = Parameter, f = 900MHz
0.0
1.0
2.0
3.0
4.0
mA
6.0
I
C
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
dBm
8
IP
3
8V
5V
3V
2V
1V
Power Gain
Gma, Gms = f(f)
VCE = Parameter
0.0
0.5
1.0
1.5
2.0
2.5
GHz
3.5
f
0
2
4
6
8
10
12
14
16
18
20
22
24
dB
28
G
10V
1V
0.7V
I
C=1mA
Power Gain |
S21|2= f(f)
VCE = Parameter
0.0
0.5
1.0
1.5
2.0
2.5
GHz
3.5
f
0
2
4
6
8
dB
12
G
10V
2V
1V
0.7V
I
C=1mA


Similar Part No. - BFP180W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP180W INFINEON-BFP180W Datasheet
117Kb / 7P
   NPN Silicon RF Transistor
Oct-12-1999
More results

Similar Description - BFP180W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP180 SIEMENS-BFP180 Datasheet
76Kb / 8P
   NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA)
BFR180 SIEMENS-BFR180 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA)
BFR180W SIEMENS-BFR180W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA)
BFR280W SIEMENS-BFR280W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems
BFS480 SIEMENS-BFS480 Datasheet
52Kb / 6P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280 SIEMENS-BFP280 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280W SIEMENS-BFP280W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR280 SIEMENS-BFR280 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFY180 SIEMENS-BFY180 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low power amplifiers at collector currents from 0.2 to 2.5 mA)
BFS17W SIEMENS-BFS17W Datasheet
34Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com