Part Name
         Description
BFN24

 NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage) ( 4 Page)


SIEMENS
100% 
Zoom Out Zoom In
   
 2 page
background image
Semiconductor Group
2
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter breakdown voltage
IC = 1 mA
BFN 24
BFN 26
V(BR)CE0
250
300
nA
nA
µA
µA
Collector-base cutoff current
VCB = 200 V
BFN 24
VCB = 250 V
BFN 26
VCB = 200 V, TA = 150 ˚C
BFN 24
VCB = 250 V, TA = 150 ˚C
BFN 26
ICB0
100
100
20
20
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Emitter-base breakdown voltage
IE = 100
µA
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 20 mA, IB = 2 mA
BFN 24
BFN 26
VCEsat
0.4
0.5
DC current gain
IC = 1 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V1)
IC = 30 mA, VCE = 10 V1)
BFN 24
BFN 26
hFE
25
40
40
30
MHz
Transition frequency
IC = 20 mA, VCE = 10 V, f = 20 MHz
fT
–70
AC characteristics
pF
Output capacitance
VCB = 30 V, f = 1 MHz
Cobo
1.5
Collector-base breakdown voltage
IC = 100
µA
BFN 24
BFN 26
V(BR)CB0
250
300
nA
Emitter-base cutoff current
VEB = 3 V
IEB0
100
Base-emitter saturation voltage1)
IC = 20 mA, IB = 2 mA
VBEsat
0.9
1)
Pulse test conditions: t
300 µs, D = 2 %.
BFN 24
BFN 26



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BF720NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN36NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN16NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN20NPN Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN22NPN Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BF721PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN25PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN37PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN17PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN21PNP Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl