Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78FC50HT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC78FC50HT1
Description  MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC78FC50HT1 Datasheet(HTML) 1 Page - Motorola, Inc

  MC78FC50HT1 Datasheet HTML 1Page - Motorola, Inc MC78FC50HT1 Datasheet HTML 2Page - Motorola, Inc MC78FC50HT1 Datasheet HTML 3Page - Motorola, Inc MC78FC50HT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MC78FC00
Series
SEMICONDUCTOR
TECHNICAL DATA
MICROPOWER ULTRA–LOW
QUIESCENT CURRENT
VOLTAGE REGULATORS
Order this document by MC78FC00/D
PIN CONNECTIONS
Standard Application
MC78FCXX
CO
Cin
Input
Output
H SUFFIX
PLASTIC PACKAGE
CASE 1213
(SOT–89)
TAB
1
(Tab is connected
to Pin 2)
1
2
3
(Top View)
Ground
Input
Output
Tab
2
3
1
1
MOTOROLA ANALOG IC DEVICE DATA
Advance Information
Micropower Voltage Regulator
The MC78FC00 series voltage regulators are specifically designed for
use as a power source for video instruments, handheld communication
equipment, and battery powered equipment.
The MC78FC00 series voltage regulator ICs feature a high accuracy
output voltage and ultra–low quiescent current. Each device contains a
voltage reference unit, an error amplifier, a driver transistor, and resistors for
setting output voltage, and a current limit circuit. These devices are available
in SOT–89 surface mount packages, and allow construction of an efficient,
constant voltage power supply circuit.
MC78FC00 Series Features:
Ultra–Low Quiescent Current of 1.1 µA Typical
Ultra–Low Dropout Voltage (100 mV at 10 mA)
Large Output Current (up to 120 mA)
Excellent Line Regulation (0.1%)
Wide Operating Voltage Range (2.0 V to 10 V)
High Accuracy Output Voltage (±2.5%)
Wide Output Voltage Range (2.0 V to 6.0 V)
Surface Mount Package (SOT–89)
ORDERING INFORMATION
Device
Output
Voltage
Operating
Temperature Range
Package
MC78FC30HT1
3.0
T30
°
80
°C
SOT 89
MC78FC33HT1
3.3
TA = –30° to +80°C
SOT–89
MC78FC40HT1
4.0
TA = –30° to +80°C
SOT–89
MC78FC50HT1
5.0
Other voltages from 2.0 to 6.0 V, in 0.1 V increments, are available upon request. Consult
factory for information.
Representative Block Diagram
This device contains 11 active transistors.
2
Vin
1
Gnd
3
VO
Vref
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
© Motorola, Inc. 1996
Rev 0


Similar Part No. - MC78FC50HT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78FC50HT1 ONSEMI-MC78FC50HT1 Datasheet
84Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
April, 2001 ??Rev. 2
MC78FC50HT1 ONSEMI-MC78FC50HT1 Datasheet
55Kb / 8P
   Micropower Voltage Regulator
April, 2001 ??Rev. 2
MC78FC50HT1G ONSEMI-MC78FC50HT1G Datasheet
145Kb / 5P
   Micropower Voltage Regulator
December, 2009 ??Rev. 7
More results

Similar Description - MC78FC50HT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78FC00 ONSEMI-MC78FC00 Datasheet
84Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
April, 2001 ??Rev. 2
logo
Motorola, Inc
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00 Datasheet
104Kb / 14P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
logo
Linear Technology
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com