Part Name
         Description
BFN20

 NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage) ( 4 Page)


SIEMENS
100% 
Zoom Out Zoom In
   
 3 page
background image
Semiconductor Group
3
BFN 20
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Permissible pulse load Ptot max / Ptot DC = f (
tp)
Output capacitance Cobo = f (VCE)
f = 1 MHz
Transition frequency fT = f (IC)
VCE = 10 V



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFN22NPN Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN21PNP Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN23PNP Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BF720NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN24NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN36NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN16NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BF721PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN25PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN37PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl