Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1002 Datasheet(PDF) 3 Page - Littelfuse

Part # SP1002
Description  SP1002 Series 5pF 8kV Bidirectional TVS Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1002 Datasheet(HTML) 3 Page - Littelfuse

  SP1002_11 Datasheet HTML 1Page - Littelfuse SP1002_11 Datasheet HTML 2Page - Littelfuse SP1002_11 Datasheet HTML 3Page - Littelfuse SP1002_11 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
29
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPAFamily of Products)
Revision: April 14, 2011
SP1002 Series
General Purpose ESD Protection - SP1002 Series
Package Dimensions — SC70-3
B
3
E
HE
2
1
e
e
D
A2 A
A1
C
L
1.30
[0.0512]
0.65
[0.0256]
0.70
[0.0276]
Package
SC70-3
Pins
3
JEDEC
MO-203 Issue A
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.000
0.004
A2
0.70
1.00
0.028
0.039
B
0.15
0.30
0.006
0.012
c
0.08
0.25
0.003
0.010
D
1.85
2.25
0.073
0.089
E
1.15
1.35
0.045
0.053
e
0.66 BSC
0.026 BSC
HE
2.00
2.40
0.079
0.094
L
0.26
0.46
0.010
0.018
Solder Pad Layout
Package Dimensions — SC70-5
D
A2 A
A1
C
L
E
HE
2
1
3
6
5
not used
4
e
e
B
Package
SC70-5
Pins
5
JEDEC
MO-203 Issue A
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.000
0.004
A2
0.70
1.00
0.028
0.039
B
0.15
0.30
0.006
0.012
c
0.08
0.25
0.003
0.010
D
1.85
2.25
0.073
0.089
E
1.15
1.35
0.045
0.053
e
0.65 BSC
0.026 BSC
HE
2.00
2.40
0.079
0.094
L
0.26
0.46
0.010
0.018
Solder Pad Layout
Product Characteristics
Lead Plating
Matte Tin
Lead Material
Copper Alloy
Lead Coplanarity
0.0004 inches (0.102mm)
Subsitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL94-V-0
Notes :
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to JEDEC SPEC MO-203 Issue A
5. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
6. Package surface matte finish VDI 11-13.


Similar Part No. - SP1002_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1002 LITTELFUSE-SP1002_17 Datasheet
683Kb / 4P
   5pF 8kV Bidirectional TVS Array
More results

Similar Description - SP1002_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1004 LITTELFUSE-SP1004_17 Datasheet
704Kb / 4P
   5pF 8kV Bidirectional TVS Array
SP1002 LITTELFUSE-SP1002_17 Datasheet
683Kb / 4P
   5pF 8kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004_11 Datasheet
245Kb / 4P
   SP1004 Series 5pF 8kV Bidirectional TVS Array
SP723 LITTELFUSE-SP723_12 Datasheet
227Kb / 6P
   5pF 8kV Diode Array
SP1015 LITTELFUSE-SP1015 Datasheet
1Mb / 4P
   SP1015 Series 5pF, 20kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004 Datasheet
734Kb / 6P
   5pF Bidirectional TVS Array for ESD Protection
SP1004 LITTELFUSE-SP1004_10 Datasheet
408Kb / 6P
   SPA??Silicon Protection Array Products 5pF Bidirectional TVS Array for ESD Protection
SP1007 LITTELFUSE-SP1007_17 Datasheet
1Mb / 5P
   3.5pF 8kV Bidirectional Discrete TVS
logo
Yea Shin Technology Co....
YSMDAXXC YEASHIN-YSMDAXXC Datasheet
831Kb / 3P
   BIDIRECTIONAL TVS ARRAY
YSMDAXXC-7 YEASHIN-YSMDAXXC-7 Datasheet
810Kb / 3P
   BIDIRECTIONAL TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com