Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP03-6 Datasheet(PDF) 2 Page - Littelfuse

Part # SP03-6
Description  SP03-6 Series 6V 150A Rail Clamp Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP03-6 Datasheet(HTML) 2 Page - Littelfuse

  SP03-6_11 Datasheet HTML 1Page - Littelfuse SP03-6_11 Datasheet HTML 2Page - Littelfuse SP03-6_11 Datasheet HTML 3Page - Littelfuse SP03-6_11 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
118
TVS Diode Arrays (SPAFamily of Products)
Revision: April 14, 2011
SP03-6 Series
Lightning Surge Protection - SP03-6 Series
Absolute Maximum Ratings
Parameter
Rating
Units
Peak Pulse Current (8/20μs)
150
A
Peak Pulse Power (8/20μs)
2800
W
IEC 61000-4-2, Direct Discharge, (Level 4)
30
kV
IEC 61000-4-2, Air Discharge, (Level 4)
30
kV
IEC 61000-4-5 (8/20μs)
100
A
Telcordia GR 1089 (Intra-Building) (2/10μs)
100
A
ITU K.20 (5/310μs)
40
A
Electrical Characteristics (T
OP = 25°C)
Thermal Information
Parameter
Rating
Units
SOIC Package
170
°C/W
Operating Temperature Range
-55 to 125
°C
Storage Temperature Range
-65 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature (Soldering
10s) (SOIC - Lead Tips Only)
260
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Stand-Off Voltage
V
RWM
--
-
6
V
Reverse Breakdown Voltage
V
BR
I
T= 1mA
6.8
-
-
V
Reverse Leakage Current
I
R
V
RWM= 6V, T= 25°C
-
-
25
μA
Clamping Voltage, Line-Ground
V
C
I
PP= 50A, tp=8/20 μs
-
-
15
V
Clamping Voltage, Line-Ground
V
C
I
PP= 100A, tp=8/20 μs
-
-
20
V
Junction Capacitance
C
j (Line-Ground)
Between I/O Pins and Ground
V
R=0V, f= 1MHz
-16
25
pF
C
j (Line-Line)
Between I/O Pins
V
R=0V, f= 1MHz
-8
12
pF
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Figure 2: Current Derating Curve
Figure 1: Non-repetitive Peak Pulse Current vs. Pulse Time
Pulse decay time (μs)
1
10
100
1000
1
10
100
1000
Ambient Temperature (C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160


Similar Part No. - SP03-6_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP03-6BTG LITTELFUSE-SP03-6BTG Datasheet
213Kb / 6P
   Silicon Protection Arrays
SP03-6BTG LITTELFUSE-SP03-6BTG Datasheet
184Kb / 6P
   Low Capacitance TVS protection for high-speed data interfaces
More results

Similar Description - SP03-6_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP03-3-3 LITTELFUSE-SP03-3-3 Datasheet
732Kb / 4P
   SP03-3.3 Series 3.3V 150A Diode Array
SP03A-3.3 LITTELFUSE-SP03A-3.3 Datasheet
1Mb / 4P
   SP03A-3.3 Series 3.3V 150A Rail Clamp Array
SP3003 LITTELFUSE-SP3003_11 Datasheet
320Kb / 6P
   SP3003 Series 0.65pF Rail Clamp Array
SP3012 LITTELFUSE-SP3012 Datasheet
805Kb / 4P
   SP3012 Series 0.5pF Rail Clamp Array
SP3002 LITTELFUSE-SP3002_11 Datasheet
303Kb / 6P
   SP3002 Series 0.85pF Rail Clamp Array
SP3010 LITTELFUSE-SP3010_11 Datasheet
285Kb / 4P
   SP3010 Series 0.45pF Rail Clamp Array
logo
List of Unclassifed Man...
PMMAD ETC-PMMAD Datasheet
119Kb / 3P
   STEERING DIODE (RAIL CLAMP) ARRAY
logo
Littelfuse
SP4061 LITTELFUSE-SP4061 Datasheet
1Mb / 4P
   SP4061 Series 2.5V 20A Rail Clamp Array
SP4062 LITTELFUSE-SP4062 Datasheet
1Mb / 5P
   SP4062 Series 3.3V 20A Rail Clamp Array
SP4062_0627 LITTELFUSE-SP4062_0627 Datasheet
1Mb / 4P
   SP4062 Series 3.3V 20A Rail Clamp Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com