Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE350 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # P6KE350
Description  600 Watts Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6KE350 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  P6KE350 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6KE350 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6KE350 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6KE350 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Surge Clamping Voltage Temperature
@ VWM
Current
@ IPPM
Coefficient
IT
VWM
ID
IPPM
Vc
of VBR
(V)
(mA)
(V)
(uA)
(A)
(V)
(%/℃)
Min
Max
(Note 2)
P6KE6.8
6.8
6.12
7.48
10
5.50
1000
58.0
10.8
0.057
P6KE6.8A
6.8
6.46
7.14
10
5.80
1000
60.0
10.5
0.057
P6KE7.5
7.5
6.75
8.25
10
6.05
500
53.0
11.7
0.061
P6KE7.5A
7.5
7.13
7.88
10
6.40
500
55.0
11.3
0.061
P6KE8.2
8.2
7.38
9.02
10
6.63
200
50.0
12.5
0.065
P6KE8.2A
8.2
7.79
8.61
10
7.02
200
52.0
12.1
0.065
P6KE9.1
9.1
8.19
10.00
1
7.37
50
45.0
13.8
0.068
P6KE9.1A
9.1
8.65
9.55
1
7.78
50
47.0
13.4
0.068
P6KE10
10
9.00
11.00
1
8.10
10
42.0
15.0
0.073
P6KE10A
10
9.50
10.5
1
8.55
10
43.0
14.5
0.073
P6KE11
11
9.90
12.1
1
8.92
1
38.0
16.2
0.075
P6KE11A
11
10.5
11.6
1
9.40
1
40.0
15.6
0.075
P6KE12
12
10.8
13.2
1
9.72
1
36.0
17.3
0.078
P6KE12A
12
11.4
12.6
1
10.2
1
37.0
16.7
0.078
P6KE13
13
11.7
14.3
1
10.5
1
33.0
19.0
0.081
P6KE13A
13
12.4
13.7
1
11.1
1
34.0
18.2
0.081
P6KE15
15
13.5
16.5
1
12.1
1
28.0
22.0
0.084
P6KE15A
15
14.3
15.8
1
12.8
1
29.0
21.2
0.084
P6KE16
16
14.4
17.6
1
12.9
1
26.0
23.5
0.086
P6KE16A
16
15.2
16.8
1
13.6
1
28.0
22.5
0.086
P6KE18
18
16.2
19.8
1
14.5
1
23.0
26.5
0.088
P6KE18A
18
17.1
18.9
1
15.3
1
25.0
25.5
0.088
P6KE20
20
18.0
22.0
1
16.2
1
21.0
29.1
0.090
P6KE20A
20
19.0
21.0
1
17.1
1
22.0
27.7
0.090
P6KE22
22
19.8
24.2
1
17.8
1
19.0
31.9
0.092
P6KE22A
22
20.9
23.1
1
18.8
1
20.0
30.6
0.092
P6KE24
24
21.6
26.4
1
19.4
1
18.0
34.7
0.094
P6KE24A
24
22.8
25.2
1
20.5
1
19.0
33.2
0.094
P6KE27
27
24.3
29.7
1
21.8
1
16.0
39.1
0.096
P6KE27A
27
25.7
28.4
1
23.1
1
16.8
37.5
0.096
P6KE30
30
27.0
33.0
1
24.3
1
14.0
43.5
0.097
P6KE30A
30
28.5
31.5
1
25.6
1
15.0
41.4
0.097
P6KE33
33
29.7
36.3
1
26.8
1
13.0
47.7
0.098
P6KE33A
33
31.4
34.7
1
28.2
1
13.8
45.7
0.098
P6KE36
36
32.4
39.6
1
29.1
1
12.0
52.0
0.099
P6KE36A
36
34.2
37.8
1
30.8
1
12.6
49.9
0.099
P6KE39
39
35.1
42.9
1
31.6
1
11.1
56.4
0.100
P6KE39A
39
37.1
41.0
1
33.3
1
11.6
53.9
0.100
P6KE43
43
38.7
47.3
1
34.8
1
10.0
61.9
0.101
P6KE43A
43
40.9
45.2
1
36.8
1
10.6
59.3
0.101
P6KE47
47
42.3
51.7
1
38.1
1
9.2
67.8
0.101
P6KE47A
47
44.7
49.4
1
40.2
1
9.7
64.8
0.101
P6KE51
51
45.9
56.1
1
41.3
1
8.5
73.5
0.102
P6KE51A
51
48.5
53.6
1
43.6
1
8.9
70.1
0.102
P6KE56
56
50.4
61.6
1
45.4
1
7.8
80.5
0.103
P6KE56A
56
53.2
58.8
1
47.8
1
8.1
77.0
0.103
P6KE62
62
55.8
68.2
1
50.2
1
7.0
89.0
0.104
P6KE62A
62
58.9
65.1
1
53.0
1
7.4
85.0
0.104
P6KE68
68
61.2
74.8
1
55.1
1
6.4
98.0
0.104
P6KE68A
68
64.6
71.4
1
58.1
1
6.8
92.0
0.104
P6KE75
75
67.5
82.5
1
60.7
1
5.8
108
0.105
P6KE75A
75
71.3
78.8
1
64.1
1
6.1
103
0.105
P6KE82
82
73.8
90.2
1
66.4
1
5.3
118
0.105
P6KE82A
82
77.9
86.1
1
70.1
1
5.5
113
0.105
P6KE91
91
81.9
100
1
73.7
1
4.8
131
0.106
P6KE91A
91
86.5
95.5
1
77.8
1
5.0
125
0.106
Version:G11
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Breakdown Voltage
(Note 1)
VBR
General
Part
Number
(V)
Nominal
Voltage


Similar Part No. - P6KE350

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
P6KE350 DACHANG-P6KE350 Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Pan Jit International I...
P6KE350 PANJIT-P6KE350 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Yangzhou yangjie electr...
P6KE350 YANGJIE-P6KE350 Datasheet
189Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Cystech Electonics Corp...
P6KE350 CYSTEKEC-P6KE350 Datasheet
495Kb / 6P
   Transient Voltage Suppressors
logo
Diotec Semiconductor
P6KE350 DIOTEC-P6KE350 Datasheet
154Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE350

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_13 Datasheet
255Kb / 6P
   600 Watts Transient Voltage Suppressor
BZW06 TSC-BZW06_13 Datasheet
277Kb / 6P
   600 Watts Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_06 Datasheet
329Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8A YFWDIODE-P6KE6.8A Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Shenzhen Luguang Electr...
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com