Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSZU52C4V7 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSZU52C4V7
Description  150mW SMD Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSZU52C4V7 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSZU52C4V7 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSZU52C4V7 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSZU52C4V7 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSZU52C4V7 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device
Device
Marking
Code
Min
Max
IZ(mA)
Max
IZ(mA)
Max
IZ(mA)
Max
VR(V)
TSZU52C2V4
Z2
2.28
2.52
5
85
5
600
1
100
1.0
TSZU52C2V7
Z3
2.57
2.84
5
83
5
500
1
75
1.0
TSZU52C3V0
Z4
2.85
3.15
5
95
5
500
1
50
1.0
TSZU52C3V3
Z5
3.14
3.47
5
95
5
500
1
25
1.0
TSZU52C3V6
Z6
3.42
3.78
5
95
5
500
1
15
1.0
TSZU52C3V9
Z7
3.71
4.10
5
95
5
500
1
10
1.0
TSZU52C4V3
Z8
4.09
4.52
5
95
5
500
1
5.0
1.0
TSZU52C4V7
Z9
4.47
4.94
5
78
5
500
1
5.0
2.0
TSZU52C5V1
ZA
4.85
5.36
5
60
5
480
1
0.1
0.8
TSZU52C5V6
ZB
5.32
5.88
5
40
5
400
1
0.1
1.0
TSZU52C6V2
ZC
5.89
6.51
5
10
5
200
1
0.1
2.0
TSZU52C6V8
ZE
6.46
7.14
5
8
5
150
1
0.1
3.0
TSZU52C7V5
ZF
7.13
7.88
5
7
5
50
1
0.1
5.0
TSZU52C8V2
ZG
7.79
8.61
5
7
5
50
1
0.1
6.0
TSZU52C9V1
ZH
8.65
9.56
5
10
5
50
1
0.1
7.0
TSCU52C10
ZJ
9.50
10.50
5
15
5
70
1
0.1
7.5
TSZU52C11
ZK
10.45
11.55
5
20
5
70
1
0.1
8.5
TSZU52C12
ZM
11.40
12.60
5
20
5
90
1
0.1
9.0
TSZU52C13
ZN
12.35
13.65
5
25
5
110
1
0.1
10
TSZU52C15
ZP
14.25
15.75
5
30
5
110
1
0.1
11
TSZU52C16
ZQ
15.20
16.80
5
40
5
170
1
0.1
12
TSZU52C18
ZR
17.10
18.90
5
50
5
170
1
0.1
14
TSZU52C20
ZS
19.00
21.00
5
50
5
220
1
0.1
15
TSZU52C22
ZT
20.90
23.10
5
55
5
220
1
0.1
17
TSZU52C24
ZU
22.80
25.20
5
80
5
220
1
0.1
18
TSZU52C27
ZV
25.65
28.35
5
80
5
250
1
0.1
20
TSZU52C30
ZW
28.50
31.50
5
80
5
250
1
0.1
23
TSZU52C33
ZX
31.35
34.65
5
80
5
250
1
0.1
25
TSZU52C36
ZY
34.20
37.80
5
90
5
250
1
0.1
27
TSZU52C39
ZZ
37.05
40.95
5
90
5
300
1
0.1
29
Version: A07
Operating
Resistance
Rising
Operating
Resistance
Current
IR(uA)
Zener Voltage
Reverse
VZ(V)
ZZT(Ohm)
ZZK(Ohm)


Similar Part No. - TSZU52C4V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZU52C4V7 TSC-TSZU52C4V7 Datasheet
143Kb / 6P
   SMD Zener Diode
More results

Similar Description - TSZU52C4V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZU52C2 TSC-TSZU52C2 Datasheet
82Kb / 4P
   150mW SMD Zener Diode
logo
Diodes Incorporated
MMBZ5221BT DIODES-MMBZ5221BT Datasheet
65Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
MMBZ5221BT DIODES-MMBZ5221BT_1 Datasheet
461Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
MMBZ5221BT DIODES-MMBZ5221BT_08 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
BZX84C2V4T DIODES-BZX84C2V4T_15 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C5V6TQ DIODES-BZX84C5V6TQ Datasheet
585Kb / 5P
   150mW SURFACE MOUNT ZENER DIODE
January 2023 Rev. 1 - 2
BZX84C2V4T DIODES-BZX84C2V4T_08 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
MMBZ5221BT DIODES-MMBZ5221BT_15 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C2V4T DIODES-BZX84C2V4T_1 Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
   ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com