Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSZU52C3V0 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSZU52C3V0
Description  150mW SMD Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSZU52C3V0 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSZU52C3V0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSZU52C3V0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSZU52C3V0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSZU52C3V0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES (TSZU52C2 THRU TSZU52C39)
0
0.6
0.5
0.4
0.3
0.2
0.1
0
150
125
100
75
50
25
Fig.9 STEADY STATE POWER DERATING
O
TEMPERATURE( C)
ZENER VOLTAGE,Volts
ZENER VOLTAGE,Volts
Fig.7 ZENER VOLTAGE VERSUS ZENER CURRENT
Fig.8 ZENER VOLTAGE VERSUS ZENER CURRENT
0.01
0.1
1
10
100
0
2
4
68
10
12
O
TA =25 C
0.01
0.1
1
10
100
10
50
30
20
40
O
TA =25 C
Version: A07


Similar Part No. - TSZU52C3V0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZU52C3V0 TSC-TSZU52C3V0 Datasheet
143Kb / 6P
   SMD Zener Diode
More results

Similar Description - TSZU52C3V0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZU52C2 TSC-TSZU52C2 Datasheet
82Kb / 4P
   150mW SMD Zener Diode
logo
Diodes Incorporated
MMBZ5221BT DIODES-MMBZ5221BT Datasheet
65Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
MMBZ5221BT DIODES-MMBZ5221BT_1 Datasheet
461Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
MMBZ5221BT DIODES-MMBZ5221BT_08 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
BZX84C2V4T DIODES-BZX84C2V4T_15 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C5V6TQ DIODES-BZX84C5V6TQ Datasheet
585Kb / 5P
   150mW SURFACE MOUNT ZENER DIODE
January 2023 Rev. 1 - 2
BZX84C2V4T DIODES-BZX84C2V4T_08 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
MMBZ5221BT DIODES-MMBZ5221BT_15 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C2V4T DIODES-BZX84C2V4T_1 Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
   ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com