Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM7N65CIC0 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM7N65CIC0
Description  650V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM7N65CIC0 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM7N65CIC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM7N65CIC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM7N65CIC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM7N65CIC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM7N65CIC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM7N65CIC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM7N65CIC0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM7N65CIC0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM7N65CIC0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSM7N65
650V N-Channel Power MOSFET
2/9
Version: C11
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
TO-220
JC
1.0
oC/W
ITO-220
4.2
Thermal Resistance - Junction to Ambient
JA
62.5
oC/W
Note: Surface mounted on FR4 board t ≤ 10sec
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
650
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 3A
RDS(ON)
--
1.0
1.2
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
2.0
--
4.0
V
Zero Gate Voltage Drain Current
VDS = 650V, VGS = 0V
IDSS
--
--
1
uA
VDS = 650V, VGS = 0V,
TC=125ºC
--
--
50
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±10
uA
Forward Transfer Conductance
VDS = 8V, ID = 1A
gfs
--
3.7
--
S
Diode Forward Voltage
IS = 6A, VGS = 0V
VSD
--
--
1.6
V
Dynamic
Total Gate Charge
VDS = 300V, ID = 6A,
VGS = 10V
Qg
--
32
46
nC
Gate-Source Charge
Qgs
--
6
--
Gate-Drain Charge
Qgd
--
11
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
905
--
pF
Output Capacitance
Coss
--
115
--
Reverse Transfer Capacitance
Crss
--
25
--
Switching
Turn-On Delay Time
VGS = 10V, ID = 6A,
VDD = 300V, RG = 25
td(on)
--
14
--
nS
Turn-On Rise Time
tr
--
14
--
Turn-Off Delay Time
td(off)
--
47
--
Turn-Off Fall Time
tf
--
19
--
Reverse Recovery Time
VGS = 0V, IS = 6A,
dIF/dt = 100A/us
tfr
--
638
--
nS
Reverse Recovery Charge
Qfr
--
4.8
--
uC
Note 1: Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
Note 2: VDD = 50V, IAS=3.6A, L=30mH, VDS=500V
Note 3: Pulse test: pulse width ≤300uS, duty cycle ≤2%
Note 4: Essentially Independent of Operating Temperature


Similar Part No. - TSM7N65CIC0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7N65CIC0 TSC-TSM7N65CIC0 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
TSM7N65CIC0 TSC-TSM7N65CIC0 Datasheet
408Kb / 9P
   650V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM7N65CIC0 VBSEMI-TSM7N65CIC0 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - TSM7N65CIC0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
   650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com