Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78LC33HT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC78LC33HT1
Description  MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC78LC33HT1 Datasheet(HTML) 2 Page - Motorola, Inc

  MC78LC33HT1 Datasheet HTML 1Page - Motorola, Inc MC78LC33HT1 Datasheet HTML 2Page - Motorola, Inc MC78LC33HT1 Datasheet HTML 3Page - Motorola, Inc MC78LC33HT1 Datasheet HTML 4Page - Motorola, Inc MC78LC33HT1 Datasheet HTML 5Page - Motorola, Inc MC78LC33HT1 Datasheet HTML 6Page - Motorola, Inc MC78LC33HT1 Datasheet HTML 7Page - Motorola, Inc MC78LC33HT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC78LC00 Series
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
VCC
10
Vdc
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation
Case 1213 (SOT–89) H Suffix
PD
300
mW
Thermal Resistance, Junction–to–Ambient
R
θJA
333
°C/W
Case 1212 (SOT–23) N Suffix
PD
150
mW
Thermal Resistance, Junction–to–Ambient
R
θJA
667
°C/W
Operating Junction Temperature
TJ
125
°C
Operating Ambient Temperature
TA
–30 to +80
°C
Storage Temperature Range
Tstg
–40 to +125
°C
NOTE:
ESD data available upon request.
ELECTRICAL CHARACTERISTICS (Vin = VO + 1.0 V, IO = 10 mA, TJ = 25°C [Note 1], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
VO
V
30HT1 and 30NTR Suffixes (Vin = 5.0 V)
2.950
3.0
3.075
33HT1 and 33NTR Suffixes (Vin = 5.0 V)
3.218
3.3
3.382
40HT1 and 40NTR Suffixes (Vin = 6.0 V)
3.900
4.0
4.100
50HT1 and 50NTR Suffixes (Vin = 7.0 V)
4.875
5.0
5.125
Line Regulation
Regline
0.05
0.2
mV
Vin = [VO + 1.0] V to 10 V, IO = 1.0 mA
Load Regulation (IO = 1.0 to 10 mA)
Regload
mV
30HT1 and 30NTR Suffixes (Vin = 5.0 V)
40
60
33HT1 and 33NTR Suffixes (Vin = 6.0 V)
40
60
40HT1 and 40NTR Suffixes (Vin = 7.0 V)
50
70
50HT1 and 50NTR Suffixes (Vin = 8.0 V)
60
90
Output Current
IO
mA
30HT1 and 30NTR Suffixes (Vin = 5.0 V)
35
50
33HT1 and 33NTR Suffixes (Vin = 6.0 V)
35
50
40HT1 and 40NTR Suffixes (Vin = 7.0 V)
45
65
50HT1 and 50NTR Suffixes (Vin = 8.0 V)
55
80
Dropout Voltage
Vin – VO
V
30HT1 and 30NTR Suffixes (IO = 1.0 mA)
40
60
33HT1 and 33NTR Suffixes (IO = 1.0 mA)
35
53
40HT1 and 40NTR Suffixes (IO = 1.0 mA)
25
38
50HT1 and 50NTR Suffixes (IO = 1.0 mA)
25
38
Quiescent Current
ICC
µA
30HT1 and 30NTR Suffixes (Vin = 5.0 V)
1.1
3.3
33HT1 and 33NTR Suffixes (Vin = 5.0 V)
1.1
3.3
40HT1 and 40NTR Suffixes (Vin = 6.0 V)
1.2
3.6
50HT1 and 50NTR Suffixes (Vin = 7.0 V)
1.3
3.9
Output Voltage Temperature Coefficient
TC
±100
ppm/
°C
NOTE:
1. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.


Similar Part No. - MC78LC33HT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78LC33HT1 ONSEMI-MC78LC33HT1 Datasheet
104Kb / 14P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
MC78LC33HT1 ONSEMI-MC78LC33HT1 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC33HT1G ONSEMI-MC78LC33HT1G Datasheet
104Kb / 14P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
MC78LC33HT1G ONSEMI-MC78LC33HT1G Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC33HT1G ONSEMI-MC78LC33HT1G Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
More results

Similar Description - MC78LC33HT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00 Datasheet
104Kb / 14P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
logo
Motorola, Inc
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78FC00 ONSEMI-MC78FC00 Datasheet
84Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
April, 2001 ??Rev. 2
logo
Texas Instruments
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com