Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK23A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SK23A
Description  2.0AMPS. Surface Mount Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK23A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SK23A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK23A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:G11
RATINGS AND CHARACTERISTIC CURVES (SK22A THRU SK215A)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
0.5
1
1.5
2
2.5
50
60
70
80
90
100 110 120 130 140 150 160
LEAD TEMPERATURE (
oC)
SK22A-SK25A
SK26A-SK215A
RESISTIVE OR
INDUCTIVE LOAD
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
JEDEC method
AT RATED TL
Fig. 4- TYPICAL REVERSE CHARACTERISTICS
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
22A-24A TA=125
oC
25A-26A TA=125
oC
25A-26A TA=75
oC
22A-24A TA=75
oC
22A-24A TA=25
oC
25A-26A TA=25
oC
29A-215A TA=125
oC
29A-215A TA=75
oC
29A-215A TA=25
oC
FIG. 5- TYPICAL JUNCTION CAPACITANCE
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25℃
f=1.0MHz
Vslg=50mVp-p
SK22A-SK26A
SK29A-SK215A
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
0.01
0.1
1
10
100
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
FORWARD VOLTAGE (V)
SK22A-SK24A
SK25A-SK26A
SK215A
SK29A-SK210A
PULSE WIDTH=300us
1% DUTY CYCLE
FIG. 6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
0.1
1
10
100
0.01
0.1
1
10
100
PULSE DURATION (sec)


Similar Part No. - SK23A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK23A TSC-SK23A Datasheet
49Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
SMC Diode Solutions Co....
SK23A SMCDIODE-SK23A Datasheet
175Kb / 3P
   SK23A SCHOTTKY RECTIFIER
Rev. A
logo
Taiwan Semiconductor Co...
SK23A TSC-SK23A Datasheet
172Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SK23A GOOD-ARK-SK23A Datasheet
155Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
logo
Silicon Standard Corp.
SK23A SSC-SK23A Datasheet
257Kb / 3P
   Schottky Barrier Rectifiers
More results

Similar Description - SK23A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSH210 TSC-SSH210 Datasheet
128Kb / 2P
   2.0AMPS. Surface Mount Schottky Barrier Rectifier
SSH210 TSC-SSH210_13 Datasheet
254Kb / 4P
   2.0AMPS. Surface Mount Schottky Barrier Rectifier
SS22M TSC-SS22M_12 Datasheet
212Kb / 2P
   2.0AMPS. Surface Mount Schottky Barrier Rectifiers
SS22L TSC-SS22L_11 Datasheet
135Kb / 2P
   2.0AMPS Surface Mount Schottky Barrier Rectifiers
SSL22 TSC-SSL22_11 Datasheet
208Kb / 2P
   2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL22 TSC-SSL22_13 Datasheet
253Kb / 4P
   2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
ES2A CHONGQING-ES2A_16 Datasheet
177Kb / 1P
   2.0AMPS. SUPER FAST SURFACE MOUNT RECTIFIER
SS22 CHONGQING-SS22 Datasheet
179Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS24L CHONGQING-SS24L Datasheet
177Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR220 CHONGQING-SR220 Datasheet
179Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com