Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK15B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SK15B
Description  1.0AMP Surface Mount Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK15B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SK15B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK15B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
For surface mounted application
Metal to silicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
SK1XB = Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SK
12B
SK
13B
SK
14B
SK
15B
SK
16B
SK
19B
SK
110B
SK
115B
Units
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
Cj
pF
RθJL
OC/W
TJ
OC
TSTG
OC
Typical Junction Capecitance (Note 2)
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
- 55 to + 150
25
Version:E11
Note 2: Measured at 1.0 MHz and Applies Reverse Voltage of 4.0V
Epitaxial construction
Features
Dimensions in inches and (millimeters)
IR
-
Maximum RMS Voltage
SK12B - SK115B
1.0AMP Surface Mount Schottky Barrier Rectifier
Marking Diagram
SMB/DO-214AA
Weight: 0.093 grams
Typical Thermal Resistance
Type Number
Maximum Average Forward Rectified Current at 75℃
Maximum Recurrent Peak Reverse Voltage
Storage Temperature Range
- 55 to + 150
- 55 to + 125
Maximum DC Blocking Voltage
1
IFSM
30
mA
110
0.5
0.1
2
10
5
-
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=100℃
@ TA=125 ℃
Plastic material used carriers Underwriters
Laboratory Classigication 94V-0
High temperature soldering guaranteed:
260℃/10s at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Polarity: Indicated by cathode band
Mechanical Data
Terminal: Pure tin plated, lead free
Case: Molded plastic
Packaging: 8mm tape per EIA STD RS-481
Maximum Ratings and Electrical Chara
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
0.50
0.75
0.85
0.95
V
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SK15B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK15B TSC-SK15B Datasheet
56Kb / 2P
   1.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK15B TSC-SK15B Datasheet
199Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
SEMTECH ELECTRONICS LTD...
SK15B SEMTECH_ELEC-SK15B Datasheet
244Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SK15B PACELEADER-SK15B Datasheet
223Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK15B TSC-SK15B Datasheet
434Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK15B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL12 TSC-SSL12_11 Datasheet
201Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SK12B TSC-SK12B_13 Datasheet
260Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SS12 TSC-SS12_11 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SS13M TSC-SS13M Datasheet
176Kb / 3P
   1.0Amp Surface Mount Schottky Barrier Rectifier
logo
DIYI Electronic Technol...
DSS12U DYELEC-DSS12U Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_1 Datasheet
273Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
CSMASS1XAS CYSTEKEC-CSMASS1XAS Datasheet
145Kb / 3P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SK12L SECOS-SK12L Datasheet
369Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120B SECOS-SM120B Datasheet
155Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com