Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT14G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SFT14G
Description  1.0AMP. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFT14G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SFT14G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFT14G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:E12
RATINGS AND CHARACTERISTIC CURVES (SFT11G THRU SFT18G)
FIG.1- MAXIMUM AVERAGE FORWARD CURRENT
DERATING
0.0
0.5
1.0
1.5
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE (
oC)
RESISTIVE OR
INDUCTIVE LOAD
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
5
10
15
20
25
30
35
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
TA=75℃
FIG. 4- TYPICAL JUNCTION CAPACITANCE
0
10
20
30
40
50
60
70
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
SFT15G-SFT18G
SFT11G-SFT14G
TA=25℃
FIG. 5- TYPICAL FORWARD CHARACTERISRICS
0.01
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
SFT17G-SFT18G
TA=25℃
Pulse Width=300us
1% Duty Cycle
SFT15G-SFT16G
SFT11G-SFT14G


Similar Part No. - SFT14G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFT14G TSC-SFT14G Datasheet
62Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SFT14G TSC-SFT14G Datasheet
286Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SFT14G TSC-SFT14G Datasheet
377Kb / 4P
   Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFT14G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G_13 Datasheet
429Kb / 4P
   1.0AMP. Glass Passivated Super Fast Rectifiers
SF11G TSC-SF11G_13 Datasheet
433Kb / 4P
   1.0AMP. Glass Passivated Super Fast Rectifiers
logo
First Components Intern...
SFS11G FCI-SFS11G Datasheet
1Mb / 2P
   1.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Chongqing Pingwei Enter...
1F1G CHONGQING-1F1G_16 Datasheet
178Kb / 1P
   1.0AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
FR101G JGD-FR101G Datasheet
143Kb / 2P
   1.0Amp Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FR101G TSC-FR101G_13 Datasheet
424Kb / 4P
   1.0AMP Glass Passivated Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
FR101G CHONGQING-FR101G_16 Datasheet
177Kb / 1P
   1.0AMP . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
1N4001SG CHONGQING-1N4001SG_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com