Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-F1055 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-F1055
Description  Silicon N Channel MOSFET Tetrode (Integrated suppression network against spurious VHF oscillations)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1055 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-F1055 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1055 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F1055 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F1055 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-F1055 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-F1055 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-F1055 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BF 997
BF 997
Semiconductor Group
2
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC Characteristics
Unit
Values
Parameter
Symbol
min.
typ.
max.
V
Drain-source breakdown voltage
ID = 10
µA, – VG1S = – VG2S = 4 V
V(BR) DS
20
nA
Gate 1 source leakage current
± VG1S = 5 V, VG2S = VDS = 0
± IG1SS
––50
Gate 2 source leakage current
± VG2S = 5 V, VG1S = VDS = 0
± IG2SS
––50
Gate 1 source breakdown voltage
± IG1S = 10 mA, VG2S = VDS = 0
± V(BR) G1SS
8.5
14
Gate 2 source breakdown voltage
± IG2S = 10 mA, VG1S = VDS = 0
± V(BR) G2SS
8.5
14
V
Gate 1 source pinch-off voltage
VDS = 15 V, VG2S = 4 V, ID = 20
µA
– VG1S (p)
2.5
Gate 2 source pinch-off voltage
VDS = 15 V, VG1S = 0, ID = 20
µA
– VG2S (p)
2.0
mA
Drain current
VDS = 15 V, VG1S = 0, VG2S = 4 V
IDSS
2–20


Similar Part No. - Q62702-F1055

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F1050 SIEMENS-Q62702-F1050 Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
Q62702-F1051 SIEMENS-Q62702-F1051 Datasheet
197Kb / 9P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
Q62702-F1052 SIEMENS-Q62702-F1052 Datasheet
129Kb / 4P
   NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
Q62702-F1053 SIEMENS-Q62702-F1053 Datasheet
129Kb / 4P
   PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
Q62702-F1056 SIEMENS-Q62702-F1056 Datasheet
138Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
More results

Similar Description - Q62702-F1055

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
   Silicon N-Channel MOSFET Tetrode
2009-05-05
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com