Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5227B Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5227B
Description  500mW, 5% Tolerance SMD Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5227B Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5227B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5227B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5227B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ5227B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MMSZ5221B~MMSZ5263B
500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
Tape & Reel specification
12.3 ±0.20
4.00 ±0.10
2.00 ±0.05
0.22 ±0.05
8.10 ±0.20
54.4 ±0.40
13.0 ±0.20
1.75 ±0.10
3.50 ±0.05
3.94 ±0.05
1.35 ±0.10
1.75 ±0.10
178 ±1
Reel width
W1
Overall tape thickness
T
Tape width
W
Sprocke hole pitch
P0
Embossment center
P1
Sprocke hole position
E
Punch hole position
F
Reel inner diameter
D1
Feed hole width
D2
Sprocket hole
d
Reel outside diameter
D
Carrier length
B
Carrier depth
C
Item
Symbol
Dimension(mm)
Carrier width
A
3.15 ±0.10
W1
D
D2
D
Direction of Feed
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
T
C
d
P1
P0
A
B
F
W
E
Version:C10


Similar Part No. - MMSZ5227B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5227B PANJIT-MMSZ5227B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Nanjing International G...
MMSZ5227B DGNJDZ-MMSZ5227B Datasheet
535Kb / 2P
   SOD-123 Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
MMSZ5227B BILIN-MMSZ5227B Datasheet
142Kb / 4P
   Surface mount zener diode
logo
Diotec Semiconductor
MMSZ5227B DIOTEC-MMSZ5227B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Frontier Electronics.
MMSZ5227B FRONTIER-MMSZ5227B Datasheet
146Kb / 2P
   ZENER DIODES
More results

Similar Description - MMSZ5227B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com