Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR860 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MUR860
Description  8.0AMP. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MUR860 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MUR860 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MUR860 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (MUR820 THRU MUR860)
Version:G11
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
0
2
4
6
8
10
12
140
145
150
155
160
165
170
175
180
CASE TEMPERATURE (
oC)
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
0
25
50
75
100
125
1
10
100
Number of Cycles at 60 Hz
FIG. 5 TYPICAL JUNCTION CAPACITANCE
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
INSTANTANEOUS FORWARD VOLTAGE (V)
MUR820
MUR860
MUR840
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
0.01
0.1
1
10
100
1000
20
40
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TA=100℃
TA=25℃
TA=150℃


Similar Part No. - MUR860

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR860 MOTOROLA-MUR860 Datasheet
150Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Inchange Semiconductor ...
MUR860 ISC-MUR860 Datasheet
91Kb / 2P
   Ultrafast Recovery Rectifier
logo
Sirectifier Global Corp...
MUR860 SIRECT-MUR860 Datasheet
185Kb / 4P
   Ultrafast Rectifier - 8Amp 600Volt
logo
Shanghai Leiditech Elec...
MUR860 LEIDITECH-MUR860 Datasheet
528Kb / 2P
   Fred Chip Construction
logo
New Jersey Semi-Conduct...
MUR860 NJSEMI-MUR860 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
More results

Similar Description - MUR860

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MUR820 TSC-MUR820_13 Datasheet
416Kb / 3P
   8.0AMP. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SFA801G LUGUANG-SFA801G Datasheet
197Kb / 2P
   8.0AMP. Glass Passivated Super Fast Rectifiers
SF801G LUGUANG-SF801G Datasheet
239Kb / 2P
   8.0AMP. Glass Passivated Super Fast Rectifiers
MUR820 LUGUANG-MUR820 Datasheet
193Kb / 2P
   8.0AMP. Glass Passivated Super Fast Rectifiers
SFAF801G LUGUANG-SFAF801G Datasheet
218Kb / 2P
   Isolated 8.0AMP. Glass Passivated Super Fast Rectifiers
FRA801G LUGUANG-FRA801G Datasheet
203Kb / 2P
   8.0AMP. Glass Passivated Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
GBU8005 SECOS-GBU8005_15 Datasheet
268Kb / 2P
   8.0Amp Glass Passivated Bridge Rectifiers
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com