Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU602G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # KBU602G
Description  Single Phase 6.0AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU602G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  KBU602G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU602G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:F12
RATINGS AND CHARACTERISTIC CURVES (KBU601G THRU KBU607G)
FIG.1 MAXIMUM DERATING CURVE FOR OUTPUT
CURRENT
0
1
2
3
4
5
6
7
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (
oC)
FIG. 2 MAXIMUM FORWARD SURGE CURRENT
PER LEG
0
25
50
75
100
125
150
175
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single
Half Sine Wave
(JEDEC Method)
FIG. 3 TYPICAL REVERSE CHARACTERISTICS PER
LEG
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (V)
TA=25℃
TA=125℃
FIG. 5 TYPICAL JUNCTION CAPACITANCE
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISRICS PER
LEG
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGE (V)


Similar Part No. - KBU602G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU602G WTE-KBU602G Datasheet
43Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU602G JGD-KBU602G Datasheet
145Kb / 2P
   SINGLE PHASE 6.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU602G TSC-KBU602G Datasheet
98Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Won-Top Electronics
KBU602G WTE-KBU602G Datasheet
59Kb / 4P
   6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBU602G TSC-KBU602G Datasheet
169Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU602G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBL601G TSC-KBL601G Datasheet
146Kb / 2P
   Single Phase 6.0AMPS. Glass Passivated Bridge Rectifiers
logo
First Components Intern...
GBU600 FCI-GBU600 Datasheet
127Kb / 2P
   6.0Amps Glass Passivated Single Phase Silico n Bridge
logo
Chongqing Pingwei Enter...
6A05G CHONGQING-6A05G_16 Datasheet
177Kb / 1P
   6.0AMPS . GLASS PASSIVATED RECTIFIERS
6A1G CHONGQING-6A1G_16 Datasheet
177Kb / 1P
   6.0AMPS . GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com