Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HERAF803G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HERAF803G
Description  8.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HERAF803G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HERAF803G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HERAF803G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
Glass passivated chip junction
High efficiency, Low VF
High current capability
High reliability
High surge current capability
HERAF80XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
HERAF
801G
HERAF
802G
HERAF
803G
HERAF
804G
HERAF
805G
HERAF
806G
HERAF
807G
HERAF
808G
Units
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
uA
uA
Trr
nS
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
ITO-220AC
1.7
V
Maximum Instantaneous Forward Voltage (Note 1)
@ 8 A
VF
1.0
1.3
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
A
Maximum Reverse Recovery Time (Note 2)
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ T A=125 ℃
IR
A
150
Maximum Average Forward Rectified Current
IF(AV)
8
Version:E12
- 65 to + 150
Typical Junction Capacitance (Note 3)
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
Typical Thermal Resistance
10
HERAF801G - HERAF808G
Marking Diagram
Dimensions in inches and (millimeters)
Features
80
For use in low voltage, high frequency inventor,
free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
400
Type Number
Polarity: As marked
60
80
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Weight: 1.74 grams
50
8.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
Mounting torque: 5 in-lbs. max
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Recurrent Peak Reverse Voltage
High temperature soldering guaranteed:
260℃/ 0.25", (6.35mm) from case for 10 seconds
Mechanical Data
Epoxy: UL 94V-0 rate flame retardant
Cases: ITO-220AC Molded plastic
Terminals: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - HERAF803G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERAF803G TSC-HERAF803G Datasheet
67Kb / 2P
   Isolation 8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF803G TSC-HERAF803G Datasheet
268Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HERAF803G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERA801G TSC-HERA801G_11 Datasheet
264Kb / 2P
   8.0AMPS. Glass Passivated High Efficient Rectifiers
SFAF801G TSC-SFAF801G_13 Datasheet
419Kb / 3P
   8.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
HERF1001G TSC-HERF1001G_11 Datasheet
187Kb / 2P
   10.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HERAF1601G LUGUANG-HERAF1601G Datasheet
229Kb / 2P
   Isolated 16.0AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HERF1601G TSC-HERF1601G_11 Datasheet
188Kb / 2P
   16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERAF1001G TSC-HERAF1001G_12 Datasheet
205Kb / 2P
   10.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERAF1601G TSC-HERAF1601G_12 Datasheet
206Kb / 2P
   16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERF1001G TSC-HERF1001G_1 Datasheet
344Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF1001G TSC-HERAF1001G Datasheet
266Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G_10 Datasheet
638Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com