Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF987 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BF987
Description  SILICON N CHANNEL MOSFET TRIODE (For high-frequency stages up to 300 MHz, preferably in FM applications High overload capability)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF987 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BF987 Datasheet HTML 1Page - Siemens Semiconductor Group BF987 Datasheet HTML 2Page - Siemens Semiconductor Group BF987 Datasheet HTML 3Page - Siemens Semiconductor Group BF987 Datasheet HTML 4Page - Siemens Semiconductor Group BF987 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Gate input capacitance Cgss = f (VGS)
VDS = 10 V, IDSS = 10 mA, f = 1 MHz
Reverse transfer capacitance Cdg = f (VDS)
IDSS = 10 mA, f = 1 MHz, VGS = 0
Output capacitance Cdss = f (VDS)
VGS = 0, IDSS = 10 mA, f = 1 MHz
Gate input admittance y11s
VDS = 10 V, IDSS = 10 mA, VG = 0
(common source)
BF 987


Similar Part No. - BF987

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF980 ETC1-BF980 Datasheet
153Kb / 3P
   Silicon N-channel dual gate MOSFET
BF980A ETC2-BF980A Datasheet
241Kb / 6P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Bolymin, Inc
BF9864A BOLYMIN-BF9864A Datasheet
160Kb / 1P
   FSTN Transflective LCD, COF package Built-in driver PCF8548, serial I2C data bus
More results

Similar Description - BF987

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF999 SIEMENS-BF999 Datasheet
116Kb / 5P
   Silicon N Channel MOSFET Triode (For high-frequency stages up to 300 MHz, preferably in FM applications)
BF543 SIEMENS-BF543 Datasheet
97Kb / 5P
   Silicon N Channel MOS FET Triode (For RF stages up to 300 MHz preferably in FM applications)
BF550 SIEMENS-BF550 Datasheet
92Kb / 5P
   PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
logo
Ohmite Mfg. Co.
RWS OHMITE-RWS Datasheet
307Kb / 2P
   High overload capability for surge and pulse applications
logo
TT Electronics.
SQP TTELEC-SQP Datasheet
330Kb / 3P
   High overload capability
logo
Siemens Semiconductor G...
BF995 SIEMENS-BF995 Datasheet
175Kb / 10P
   Silicon N Channel MOSFET Tetrode (For input and mixer stages in FM and VHF TV tuners)
logo
Infineon Technologies A...
BF999 INFINEON-BF999_07 Datasheet
62Kb / 6P
   Silicon N-Channel MOSFET Triode
2007-04-20
BF543 INFINEON-BF543 Datasheet
50Kb / 5P
   Silicon N-Channel MOSFET Triode
Jun-28-2001
logo
Siemens Semiconductor G...
BF2030W SIEMENS-BF2030W Datasheet
16Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
logo
Infineon Technologies A...
BF999 INFINEON-BF999 Datasheet
133Kb / 5P
   Silicon N-Channel MOSFET Triode
Nov-08-2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com